Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFR0062 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0062
Description  WiiChuck Adapter (Arduino Compatible)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0062 Datasheet(HTML) 1 Page - DFROBOT

  DFR0062 Datasheet HTML 1Page - DFROBOT DFR0062 Datasheet HTML 2Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
  
 
WiiChuck Adapter (Arduino Compatible)
SKU:DFR0062
 
INTRODUCTION
The WiiChuck Adapter is a small PCB that is designed to be inserted into the connector of a
Nintendo Wii Nunchuck to provide access to all 4 wires of the remote. The power, ground and
two-wire interface of the Nunchuck are all broken out to a 4-pin 0.1" pitch header. Compared
with standard WiiChuck, the DFRobot WiiChuck has extra 4 pins which allow you connect it to
two devices.
The Wii Nunchuck is loaded with features -- a 2-axis joystick, two buttons and a 3 axis
±2g accelerometer -- and any device capable of I2C can communicate with it! The WiiChuck
allows you to interface with the Nunchuck without making a mess and cutting the wires.


Similar Part No. - DFR0062

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0060 DFROBOT-DFR0060 Datasheet
84Kb / 1P
Screw Shield For Arduino (SKU: DFR0060)
DFR0061 DFROBOT-DFR0061 Datasheet
290Kb / 5P
Joystick Module For Arduino SKU:DFR0061
DFR0063 DFROBOT-DFR0063 Datasheet
170Kb / 6P
I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
8-10-18
DFR0064 DFROBOT-DFR0064 Datasheet
74Kb / 2P
386AMP Audio Amplifier Module (Arduino compatible)
DFR0067 DFROBOT-DFR0067 Datasheet
1Mb / 6P
DHT11 Temperature and Humidity Sensor
7/7/24
More results

Similar Description - DFR0062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC2026AFA LINER-DC2026AFA Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
List of Unclassifed Man...
A000010 ETC2-A000010 Datasheet
675Kb / 1P
ARDUINO KIT WORKSHOP BASE WITH ARDUINO BOARD
ULCD-32-PTU-AR ETC2-ULCD-32-PTU-AR Datasheet
375Kb / 6P
Arduino Display Module Pack
logo
Linear Dimensions Semic...
DC2026C LINEAR_DIMENSIONS-DC2026C Datasheet
449Kb / 18P
Linduino One Isolated Arduino-Compatible Demonstration Board
logo
Rohm
BD1020HFV-EVK-001 ROHM-BD1020HFV-EVK-001 Datasheet
688Kb / 3P
Arduino Uno
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
Arduino Uno
BM1422AGMV-EVK-001 ROHM-BM1422AGMV-EVK-001 Datasheet
695Kb / 3P
Arduino Uno 1pcs
logo
SparkFun Electronics
DEV-10941 SPARKFUN-DEV-10941 Datasheet
111Kb / 2P
LilyPad Arduino SimpleSnap
11/24/2015
logo
List of Unclassifed Man...
ABX00020 ETC-ABX00020 Datasheet
499Kb / 3P
ARDUINO YÚN REV 2
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com