Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV10DB13-H9 Datasheet(PDF) 4 Page - Amphenol PCD, Inc

Part # TV10DB13-H9
Description  HIGH DENSITY INTERCONNECTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

TV10DB13-H9 Datasheet(HTML) 4 Page - Amphenol PCD, Inc

  TV10DB13-H9 Datasheet HTML 1Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 2Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 3Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 4Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 5Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 6Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 7Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 8Page - Amphenol PCD, Inc TV10DB13-H9 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nick Lidell • Phone: (607) 563-5655 • Email: nlidell@amphenol-aao.com
www.amphenol-aerospace.com
6.
ALTERNATE POSITION
Shell
size
Key & keyway
arrangement
identification
letter
AR°
or AP°
BSC
BR°
or
BP°
BSC
CR°
or CP°
BSC
DR°
or DP°
BSC
9
N
105
140
215
265
A
102
132
248
320
B
80
118
230
312
C
35
140
205
275
D
64
155
234
304
E
91
131
197
240
11,
13,
and
15
N
95
141
208
236
A
113
156
182
292
B
90
145
195
252
C
53
156
220
255
D
119
146
176
298
E
51
141
184
242
17
and
19
N
80
142
196
293
A
135
170
200
310
B
49
169
200
244
C
66
140
200
257
D
62
145
180
280
E
79
153
197
272
21,
23
and
25
N
80
142
196
293
A
135
170
200
310
B
49
169
200
244
C
66
140
200
257
D
62
145
180
280
E
79
153
197
272
HIGH DENSITY INTERCONNECTS
1.
2.
3.
4.
5.
6.
7.
Connector Type
Shell Style
Service
Class
Shell Size - Insert
Arrangement
Contact Type
Alternate
Positions
PCB Options
TV or PTV (Potted version)
06
RW
23-151
P
B
(P25)
A plug with a given rotation letter will mate with a re-
ceptacle with the same rotation letter. The angles for a
given connector are the same whether it contains pins
or sockets. Inserts are not rotated in conjunction with
the master key/keyway.
A, B, C, D, E or blank for normal.
DR
BSC°
CR
BSC°
BR
BSC°
AR
BSC°
MAIN
KEYWAY
RECEPTACLE
(front face shown)
MAIN
KEYWAY
AP
BSC
BP
BSC
DP
BSC
CP
BSC
°
°
°
°
PLUG
(front face shown)
7. PCB Contact Options
Pin Contacts
Pin Contacts with
Alignment Disc*
Socket Contacts
Socket Contacts with
Alignment Disc
PCB tail stickout +/-
.040 inch
P1
P1AD
S1
S1AD
.100” nominal
P15
P15AD
S15
S15AD
.150” nominal
P2
P2AD
S2
S2AD
.200” nominal
P25
P25AD
S25
S25AD
.250” nominal
P3
P3AD
S3
S3AD
.300” nominal
P35
P35AD
S35
S35AD
.350” nominal
Pre-Tin Options
Add "T" to end of suffix
for Pre-tinned PC tails
Ex: (P15T), (S25ADT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com