Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M28840/18CE1D4 Datasheet(PDF) 12 Page - Amphenol PCD, Inc

Part # M28840/18CE1D4
Description  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/18CE1D4 Datasheet(HTML) 12 Page - Amphenol PCD, Inc

Back Button M28840/18CE1D4 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 9Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/18CE1D4 Datasheet HTML 16Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
22
23
M28840/13 PROTECTIVE RECEPTACLE COVER
M28840/13
G
A
W
DESIGNATION
SHELL SIZE
CHAIN ATTACHMENT STYLE
MATERIAL & FINISH
QPL: M28840/13
Commercial: IN28840/13
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
A: Link Chain WITH Fastener
B: Link Chain WITH Ring for Jam-Nut
Mounting Receptacle
C: Link Chain WITH Ring for Cable-Connecting
Receptacle
W: Aluminum, Cadmium Plate, O.D. over
Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
TABLE A
Military
Shell Size
Shell Size
E
Thread Class 2A
F Ø Max.
H
(0.010) (0.25)
J Ø
(0.05) (0.13)
G
(0.05) (0.13)
A
11
.750-.1P-.2L-D.S.
(1.028) 26.21
(.890) 22.61
(.130) 3.30
(.765 )19.43
B
13
.875-.1P-.2L-D.S.
(1.141) 23.98
(1.015) 25.78
(.890) 22.61
C
15
1.062-.1P-.2L-D.S.
(1.263) 32.08
(1.203) 30.56
(1.015) 25.78
D
17
1.125-.1P-.2L-D.S.
(1.387) 35.23
(1.265) 32.13
(1.140) 28.96
E
19
1.312-.1P-.2L-D.S.
(1.513) 38.43
(1.453) 36.91
(1.265) 32.13
F
23
1.500-.1P-.2L-D.S.
(1.703) 43.51
(1.640) 41.66
(1.453) 36.91
G
25
1.625-.1P-.2L-D.S.
(1.825) 46.35
(1.765) 44.83
(.156) 3.96
(1.577) 40.06
H
29
1.812-.1P-.2L-D.S.
(2.143) 54.43
(1.953) 49.61
(1.890) 48.01
J
33
2.000-.1P-.2L-D.S.
(2.329) 59.16
(2.140) 54.36
(.193) 4.90
(2.077) 52.76
+-
+-
+-
+-
+-
+-
M28840/14 JAM NUT RECEPTACLE CONNECTOR
M28840/14
A
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/14
Commercial: IN28840/14
A: Aluminum, Cadmium Plate, O.D.
over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
* Dimensions in mm (inches)
TABLE A
Military
Shell Size
Shell Size
BB
G
K
L
Across Flat
M
Thread Class 2A
N Max.
P
R Max.
S
Hex Nut
Thickness
T
.017(0.43)
A
11
(.979) 24.87
(1.274) 32.36
(1.368) 34.75
(.841) 21.36
7/8-20 UNEF
(0.750) 19.05
(.890) 22.61
(0.875)
(0.125) 3.17
(1.062) 26.97
A
11
(.969) 24.61
(1.254) 31.85
(1.348) 34.24
(.832) 21.13
19.05
(.880) 22.35
22.22
B
13
(1.104) 28.04
(1.399) 35.53
(1.508) 38.30
(.966) 24.54
1-20 UNEF
(0.875) 22.22
(1.015) 24.78
(1.000)
(1.188) 30.18
B
13
(1.094) 27.79
(1.379) 35.03
(1.488) 37.80
(.957) 24.31
22.22
(1.005) 25.53
25.40
C
15
(1.292) 32.82
(1.587) 40.31
(1.681) 42.70
(1.156) 29.29
1 3/16-18 UNEF
(1.062) 26.97
(1.203) 30.56
(1.188)
(1.375) 34.93
C
15
(1.282) 32.56
(1.567) 39.80
(1.661) 42.19
(1.144) 29.06
26.97
(1.193) 30.30
30.18
D
17
(1.354) 34.39
(1.649) 41.88
(1.743) 44.27
(1.216) 30.89
1 1/4-18 UNEF
(1.125) 28.58
(1.265) 32.13
(1.250)
(1.438) 36.53
D
17
(1.344) 34.14
(1.629) 41.38
(1.723) 43.76
(1.207) 30.66
28.58 28.58
(1.255) 31.88
31.75
E
19
(1.542) 39.17
(1.837) 46.66
(1.931) 49.05
(1.403) 35.64
1 7/16-18 UNEF
(1.312) 33.32
(1.453) 36.91
(1.438)
(1.625) 41.28
E
19
(1.532) 38.91
(1.817) 46.15
(1.911) 48.54
(1.394) 35.41
33.32
(1.443) 36.65
36.52
F
23
(1.729) 43.92
(2.024) 51.41
(2.118) 53.80
(1.591) 40.41
1 5/8-18 UNEF
(1.500) 8.10
(1.640) 41.66
(1.625)
(1.812) 46.02
F
23
(1.718) 43.66
(2.004) 50.90
(2.098) 53.29
(1.582) 40.18
8.10
(1.630) 41.40
41.28
G
25
(1.854) 47.09
(2.149) 54.58
(2.243) 56.97
(1.716) 43.59
1 3/4-18 UNS
(1.625) 41.28
(1.765) 44.83
(1.750)
(0.189) 4.8
(2.000) 50.80
G
25
(1.844) 46.84
(2.129) 54.08
(2.223) 56.46
(1.707) 43.36
41.28
(1.755) 44.58
44.45
H
29
(2.042)51.87
(2.337) 59.36
(2.435) 61.85
(1.903) 46.34
1 15/16-16 UN
(1.812)
(1.953) 49.61
(1.938)
(2.188) 55.58
H
29
(2.032) 51.61
(2.317) 58.85
(2.415) 61.34
(1.894) 48.11
46.02
(1.943) 49.35
49.22
J
33
(2.229) 56.62
(2.524) 64.11
(2.618) 66.50
(2.091) 53.11
2 1/8-16 UN
(2.000)
(2.140) 54.36
(2.125)
(2.375) 69.85
J
33
(2.219) 56.36
(2.504) 63.60
(2.598) 65.99
(2.082) 52.88
50.80
(2.130) 54.10
53.98
+-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com