Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BY214-400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BY214-400
Description  RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BY214-400 Datasheet(HTML) 1 Page - STMicroelectronics

  BY214-400 Datasheet HTML 1Page - STMicroelectronics BY214-400 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY214-400 --->1000
®
August 1998 - Ed: 1A
RECTIFIER DIODES
STANDARD RECTIFIER
HIGH SURGE CURRENT CAPABILITY
LOW FORWARD VOLTAGE DROP
Symbol
Parameter
Value
Unit
IF(AV)
Average forward current *
Ta=90
°C6
A
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
400
A
Ptot
Power dissipation *
Ta=90
°C6
W
Tstg
Tj
Storage and junction temperature range
- 65 to + 150
°C
TL
Maximum lead temperature for soldering during 10s at
4mm from case
230
°C
* Single phase, half wave, resistive or inductive load.
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction ambient *
10
°C/W
* On infinite heatsink with 10mm lead lenght
THERMAL RESISTANCE
Symbol
Parameter
BY214-
Unit
400
600
800
1000
VRRM
Repetitive peak reverse voltage
400
600
800
1000
V
AG
(Plastic)
IF(av)
6A
VRRM
1000 V
VF (max)
1.2 V
MAIN PRODUCTS CHARACTERISTICS
1/2


Similar Part No. - BY214-400

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BY214-400 TAYCHIPST-BY214-400 Datasheet
2Mb / 1P
RECTIFIER DIODES
More results

Similar Description - BY214-400

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com