Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT-3535QB10ZS-RV Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KT-3535QB10ZS-RV
Description  3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3535QB10ZS-RV Datasheet(HTML) 2 Page - Kingbright Corporation

  KT-3535QB10ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3535QB10ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.5X3.5mm SMD LED WITH CERAMIC
SUBSTRATE
SPEC NO: DSAI6706
REV NO: V.3
DATE: JAN/04/2009
PAGE: 2 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.Su
ERP: 1212000020
Package Dimension And Materials
For package dimension please refer to page 10
Material as follows: Package
: Ceramics
Encapsulating resin
: Silicone resin
Electrodes
: Ag plating
Packaging:
1.The LEDs are packed in cardboard boxes after taping.
2.The label on the minimum packing unit shows: Part Number, Lot Number, Ranking, Quantity.
3.In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation.
4.The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions
must be taken to prevent any damage.
5.The boxes are not water resistant and therefore must be kept away from water and moisture.
6.When the LEDs are transported, we recommend that you use the same packing methods as Kingbright’s.
Selection Guide
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Features
1.Dimensions : 3.5mm X 3.5mm X 0.8mm.
2.Higher brightness .
3.Small package with high efficiency .
4.Surface mount technology .
5.ESD protection .
6.Moisture sensitivity level : level 2a.
7.Soldering methods: IR reflow soldering.
8.RoHS compliant.
Part No.
Dice
Φv (lm) [2]
@ 350mA
Viewing
Angle [1]
Code.
Min.
Max.
2
θ1/2
KT-3535QB10ZS-RV
Blue (InGaAlN)
CB-L
5
10
120
°
CC-L
10
15
CD-L
15
20
CE-L
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com