Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT-3535SE9ZS-RV Datasheet(PDF) 10 Page - Kingbright Corporation

Part # KT-3535SE9ZS-RV
Description  3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3535SE9ZS-RV Datasheet(HTML) 10 Page - Kingbright Corporation

Back Button KT-3535SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 10Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 11Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 12Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SPEC NO: DSAI6708
REV NO: V.3
DATE: DEC/24/2008
PAGE: 10 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.Su
ERP: 1212000014
3.5X3.5mm SMD LED WITH CERAMIC
SUBSTRATE
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Recommended Soldering Pattern
(Units : mm ; Tolerance: ± 0.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com