Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KT-3535ZG10ZS-RV Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KT-3535ZG10ZS-RV
Description  3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3535ZG10ZS-RV Datasheet(HTML) 3 Page - Kingbright Corporation

  KT-3535ZG10ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3535ZG10ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPEC NO: DSAI6710
REV NO: V.3
DATE: JAN/04/2009
PAGE: 3 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.Su
ERP: 1212000015
3.5X3.5mm SMD LED WITH CERAMIC
SUBSTRATE
Item
Symbol
Test Conditions
Criteria for Judgement
Min.
Max.
Forward Voltage
VF
IF = 350mA
-
Initial Level x 1.1
Luminous Flux
Φv
IF = 350mA
Initial Level x 0.7
-
Note: The test is performed after the board is cooled down to the room temperature.
Failure Criteria
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below
Lot Tolerance Percent Defective (LTPD) : 10%
No.
Test Item
Test Conditions
Test Times /
Cycles
Number of Damaged
1
Continuous Operating Test
Ta = 25 °C , IF = 350 mA
Tested with standard circuit
board﹡
1000 hrs
0/22
2
High Temperature Operating Test
Ta = 100 °C , IF = 60 mA (note)
1000 hrs
0/22
3
Low Temperature Operating Test
Ta = -40 °C , IF = 350 mA
Tested with standard circuit
board﹡
1000 hrs
0/22
4
High Temperature and Humidity
Storage Operating Test
Ta = 85 °C , RH = 85% , IF =
110 mA (note)
1000 hrs
0/22
5
Temperature Cycling Test
High temp: +100 °C 30 mins
∫
R.T: 5 mins
∫
Low temp: -40 °C 30 mins
∫
R.T: 5 mins
10 cycles
0/22
6
Thermal Shock Test
High temp: +100 °C 5 mins
∫
Low temp: -40 °C 5 mins
1000 cycles
0/22
7
Soldering resistance Test
Tsld = 260 °C , 10 secs
10 secs
0/22
Note: Thermal resistance of LED with Kingbright circuit board : Rthj-a =75°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com