Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4810CRAELF Datasheet(PDF) 51 Page - STMicroelectronics

Part # STW4810CRAELF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CRAELF Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STW4810CRAELF Datasheet HTML 47Page - STMicroelectronics STW4810CRAELF Datasheet HTML 48Page - STMicroelectronics STW4810CRAELF Datasheet HTML 49Page - STMicroelectronics STW4810CRAELF Datasheet HTML 50Page - STMicroelectronics STW4810CRAELF Datasheet HTML 51Page - STMicroelectronics STW4810CRAELF Datasheet HTML 52Page - STMicroelectronics STW4810CRAELF Datasheet HTML 53Page - STMicroelectronics STW4810CRAELF Datasheet HTML 54Page - STMicroelectronics STW4810CRAELF Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
STw4810
Electrical and timing characteristics
51/78
5.3.3
VCORE DC/DC step-down converter
Table 38.
VCORE DC/DC step-down converter
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VCORE regulator in normal mode (SLEEP = ‘0’) / Otherwise specified; VCORE = 1.2 V
VBAT
Input power supply Battery voltage
2.7
3.6
4.8
V
VRIPPLE
Output voltage
ripple
10
mVpp
VOUT
Programmable
output voltage
VCORE_SEL[3:0]
1111
1110
1101
1100
1011
1010
1001
1000
0111
0110
0101
0100 (default)
0011
0010
0001
0000
-3.7%
-4.25%
-5%
1.50
1.40
1.38
1.36
1.34
1.32
1.30
1.28
1.26
1.24
1.22
1.20
1.15
1.10
1.05
1.00
+3.7%
+4.25%
+5%
V
IOUT
Output current
600
mA
PEFF
Power efficiency
VBAT = 3.6 V
IOUT = 200 mA
86
%
LIR
Line regulation
VBAT: [2.7; 4.8]V
10
mV
LDR
(1)
Load regulation
IOUT: [0.1; 600] mA
10
mV
ISHORT
Short circuit
current limitation(2)
0.9
1.2
1.4
A
IQ
Quiescent current
IOUT = 0 mA
130
250
µA
ILKG
Power-down
current
‘en_vcore’ = 0
1
µA
PSRR(1)
Power supply
rejection
Vpp = 0.3 V
[0; 20] kHz
40
dB
LIRT
Transient line
regulation
ΔVBAT = 300 mV
tR = tF = 10 µs
7mV
LDRT
Transient load
regulation
IOUT = [1; 600] mA
tR = tF = 100 ns
70
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com