Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC31RF80IRMP Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC31RF80IRMP
Description  ADC31RF80 3-GSPS Telecom Receiver and Feedback Device
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC31RF80IRMP Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC31RF80IRMP Datasheet HTML 23Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 24Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 25Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 26Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 27Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 28Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 29Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 30Page - Texas Instruments ADC31RF80IRMP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 142 page
background image
ADC
ADC
ADC
INP,
INM
SYSREFP,
SYSREFM
CLKINP,
CLKINM
PLL
65
Buffer
D[1:0]P,
D[1:0]M
D[3:2]P,
D[3:2]M
GPIO[4:1]
N
NCO
CTRL
SYNCBP,
SYNCBM
FOVR
NCO
NCO
ADC
Digital Block
(Interleave
Correction
Power
Detection)
Copyright © 2017, Texas Instruments Incorporated
Clock
Divider
SPI
and
Control
CM
N
RESET
SCLK
SDATA
SEN
PDN
SDO
27
ADC31RF80
www.ti.com
SBAS860 – AUGUST 2017
Product Folder Links: ADC31RF80
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The ADC31RF80 is a single-channel, 14-bit, 2949.12-MSPS, telecom receiver and feedback device containing
an analog-to-digital converter (ADC) followed by multi-band digital down-converters (DDCs), and a back-end
JESD204B digital interface.
The ADC is preceded by an input buffer and on-chip termination to provide a uniform input impedance over a
large input frequency range. Furthermore, an internal differential clamping circuit provides first-level protection
against overvoltage conditions. The ADC is internally interleaved four times and equipped with background,
analog and digital, and interleaving correction.
The on-chip DDC enables single- or dual-band internal processing to pre-select and filter smaller bands of
interest and also reduces the digital output data traffic. Each DDC is equipped with up to three independent,
16-bit numerically-controlled oscillators (NCOs) for phase coherent frequency hopping; the NCOs can be
controlled through the SPI or GPIO pins. The ADC31RF80 also provides three different power detectors on-chip
with alarm outputs in order to support external automatic gain control (AGC) loops.
The processed data are passed into the JESD204B interface where the data are framed, encoded, serialized,
and output on one to four lanes, depending on the ADC sampling rate and decimation. The CLKIN, SYSREF,
and SYNCB inputs provide the device clock and the SYSREF and SYNCB signals to the JESD204B interface
that are used to derive the internal local frame and local multiframe clocks and establish the serial link. All
features of the ADC31RF80 are configurable through the SPI.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com