Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMP Datasheet(PDF) 90 Page - Texas Instruments

Part # ADC32RF44IRMP
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP Datasheet(HTML) 90 Page - Texas Instruments

Back Button ADC32RF44IRMP Datasheet HTML 86Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 87Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 88Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 89Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 90Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 91Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 92Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 93Page - Texas Instruments ADC32RF44IRMP Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 135 page
background image
Digital JESD Logic
D0
D1
D2
D3
Output Mux
Lane0
Lane1
Lane2
Lane3
20x
(PLL Mode)
90
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.11.7 Register 016h (address = 016h), JESD Digital Page
Figure 155. Register 016h
7
6
5
4
3
2
1
0
LANE 0
LANE 1
LANE 2
LANE 03
R/W-0h
R/W-0h
R/W-0h
R/W-0h
LEGEND: R/W = Read/Write; -n = value after reset
Table 66. Register 016h Field Descriptions
Bit
Field
Type
Reset
Description
7-6
LANE 0
R/W
0h
For 80X mode: set these bits as 70h. Also set the 80X MODE
EN register bit.
For 40X mode: set these bits as 70h.
For 20X mode: these bits can be used to swap the data on
output lanes as shown in Table 67 and Figure 156.
5-4
LANE 1
R/W
0h
3-2
LANE 2
R/W
0h
1-0
LANE 3
R/W
0h
Table 67. Swapping Data on Output Lanes for 20X Serialization
REGISTER BIT
LANE 0
OUTPUT
LANE0
CARRIES
REGISTER BIT
LANE 1
OUTPUT
LANE1
CARRIES
REGISTER BIT
LANE 2
OUTPUT
LANE2
CARRIES
REGISTER BIT
LANE 3
OUTPUT
LANE3
CARRIES
00
D0
00
D1
00
D2
00
D3
01
D1
01
D2
01
D3
01
D0
10
D2
10
D3
10
D0
10
D1
11
D3
11
D0
11
D1
11
D2
Figure 156. Output Lane Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com