Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMP.A Datasheet(PDF) 60 Page - Texas Instruments

Part # ADC32RF44IRMP.A
Description  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMP.A Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADC32RF44IRMP.A Datasheet HTML 56Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 57Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 58Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 59Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 60Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 61Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 62Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 63Page - Texas Instruments ADC32RF44IRMP.A Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 135 page
background image
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
SDIN
SCLK
SEN
RESET
A11 A10
A9
A8
A7
A6
M
P
CH
1
0
0
0
Register Address [11:0]
Register Data [7:0] = XX
D0
D7
D6
D5
D4
D3
D2
D1
D0
SDOUT
SDOUT [7:0]
R/W
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SDIN
SCLK
SEN
RESET
A11 A10
A9
A8
A7
A6
M
P
CH
0
0
0
0
Register Address [11:0]
Register Data [7:0]
60
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4.3.1 Serial Register Write: Analog Bank
The internal register of the ADC32RF44 analog bank (Figure 115) can be programmed by:
1. Driving the SEN pin low.
2. Initiating a serial interface cycle selecting the page address of the register whose content must be written. To
select the master page: write address 0012h with 04h. To select the ADC page: write address 0011h with
FFh.
3. Writing the register content. When a page is selected, multiple registers located in the same page can be
programmed.
Figure 115. SPI Write Timing Diagram for the Analog Bank
9.4.3.2 Serial Register Readout: Analog Bank
Contents of the registers located in the two pages of the analog bank (Figure 116) can be readback by:
1. Driving the SEN pin low.
2. Selecting the page address of the register whose content must be read. Master page: write address 0012h
with 04h. ADC page: write address 0011h with FFh.
3. Setting the R/W bit to 1 and writing the address to be read back.
4. Reading back the register content on the SDOUT pin. When a page is selected, the contents of multiple
registers located in same page can be readback.
Figure 116. SPI Read Timing Diagram for the Analog Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com