Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AH4930Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AH4930Q
Description  AUTOMOTIVE 3D MAGNETIC LINEAR HALL SENSOR WITH I2C INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH4930Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AH4930Q Datasheet HTML 15Page - Diodes Incorporated AH4930Q Datasheet HTML 16Page - Diodes Incorporated AH4930Q Datasheet HTML 17Page - Diodes Incorporated AH4930Q Datasheet HTML 18Page - Diodes Incorporated AH4930Q Datasheet HTML 19Page - Diodes Incorporated AH4930Q Datasheet HTML 20Page - Diodes Incorporated AH4930Q Datasheet HTML 21Page - Diodes Incorporated AH4930Q Datasheet HTML 22Page - Diodes Incorporated AH4930Q Datasheet HTML 23Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AH4930Q
Document number: DS45843 Rev. 2 - 2
21 of 23
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AH4930Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT26 (Type A1)
SOT26 (Type A1)
Dim
Min
Max
Typ
A
--
1.45
--
A1
0.00
0.15
--
A2
0.90
1.30
1.15
b
0.30
0.50
--
c
0.08
0.22
--
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.60
0.45
L1
0.60 REF
L2
0.25 BSC
R
0.10
--
--
R1
0.10
0.25
--
θ
0°
8°
4°
θ1
5°
15°
10°
All Dimensions in mm
Sensor Location (Unit: mm)
E
b
D
A
A1
A2
c
L
L1
R1
R L2
0
01
Gauge Plane
Seating Plane
E1
e
e1
01
Seating Plane
DE TAIL 1
DE TAIL 1
Top View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com