Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1601IPFBT.B Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1601IPFBT.B
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1601IPFBT.B Datasheet HTML 10Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 11Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 12Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 13Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 14Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 15Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 17Page - Texas Instruments ADS1601IPFBT.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
3.00
2.99
2.98
2.97
2.96
2.95
2.94
2.93
2.92
2.91
2.90
-40
-15
10
35
60
85
Temperature(°C)
0
-20
-40
-60
-80
-100
-120
-140
f
=
IN1
499kHz
f
=
IN2
501kHz
IMD= 94dB
-
480
485
490
495
500
505
510
515
520
Frequency(kHz)
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
VREF vs TEMPERATURE
INTERMODULATION RESPONSE
Figure 33.
Figure 34.
14
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com