Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5294IPFPR.A Datasheet(PDF) 26 Page - Texas Instruments

Part # ADS5294IPFPR.A
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPR.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS5294IPFPR.A Datasheet HTML 22Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 23Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 24Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 25Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 26Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 27Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 28Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 29Page - Texas Instruments ADS5294IPFPR.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Signal Frequency (MHz)
HPF_DISABLED
HPF_ENABLED
−125
−115
−105
−95
−85
−75
−65
−55
−45
−35
−25
−15
−5
0
0
5
10
15
20
25
30
35
40
Frequency (MHz)
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
25
30
35
40
Frequency (MHz)
SNR = 77.9 dBFS
SINAD = 77.9 dBFS
SFDR = 93.13 dBc
THD = −96 dBc
2 Channels averaged
−45
−42
−39
−36
−33
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
0.02
0.1
1
10 15
Input Signal Frequency (MHz)
K=2
K=3
K=4
K=5
K=6
K=7
K=8
K=9
K=10
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
0.0
0.1
0.2
0.3
0.4
0.5
Normalized frequency (fin/fs)
Low Pass
Band−Pass1
Band−Pass2
High Pass
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
Frequency (MHz)
SNR = 78.2 dBFS
SINAD = 78.2 dBFS
Decimate by 2 Filter Enabled
26
ADS5294
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1-dBFS differential analog input, 14 Bit/ 80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 32. Filter Response, Decimate by 4
Figure 33. FFT for 5-MHz Input Signal, Sample Rate = 80
MSPS with Decimation Filter = 2
Figure 34. FFT for 5-MHz Input Signal, Sample Rate = 80
MSPS by Averaging 2 Channels
Figure 35. Digital High-Pass Filter Response
Figure 36. FFT with HPF Enabled and Disabled, No Signal
Figure 37. FFT (Full-Band) for 5-MHz Input Signal, Sample
Rate = 80 MSPS with Low Frequency Noise Suppression
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com