| Electronic Components Datasheet Search |
|
ADS8900B Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS8900B Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 77 page ![]() SCLK SDO-0 D21 D20 D1 D21 D20 D20 D19 D19 D1 D0 D0 D21 CS RVS D18 0 D19 D0 SCLK D21 SDO-0 D21 D20 D1 D0 D20 D19 D0 D1 D0 D21 D20 D19 CS RVS D18 D19 39 ADS8900B, ADS8902B, ADS8904B www.ti.com SBAS728A – NOVEMBER 2016 – REVISED JUNE 2017 Product Folder Links: ADS8900B ADS8902B ADS8904B Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated For SDI_MODE[1:0] = 00b or 10b, the device supports an Early Data Launch (EDL) option. Set SDO_MODE[1:0] = 01b in the SDO_CNTL register to enable the feature (see Table 6). Setting SDO_MODE[1:0] = 01b has no effect if SDI_MODE[1:0] = 01b or 11b. Table 6. SPI Protocols with Early Data Launch PROTOCOL SCLK POLARITY (At CS Falling Edge) SCLK PHASE (Capture Edge) MSB BIT LAUNCH EDGE SDI_CNTL SDO_CNTL NO. OF SCLK (Optimal Read Frame) TIMING DIAGRAM SPI-00-S-EDL Low Rising CS falling 00h 01h 20 Figure 56 SPI-10-S-EDL High Falling CS falling 02h 01h 20 Figure 58 As shown in Figure 60, and Figure 61, the device launches the output data bit on the SDO-0 pin half clock earlier compared to the standard SPI protocol. Figure 60. SPI-00-S-EDL Protocol, 22 SCLKs Figure 61. SPI-10-S-EDL Protocol, 22 SCLKs When using these SPI-compatible protocols, the RVS output remains low throughout the data transfer frame; see the Timing Requirements and Switching Characteristics tables for associated timing parameters. With SDO_CNTL[7:0] = 00h or 01h, if the host controller uses a long data transfer frame, the device exhibits daisy-chain operation (see the Multiple Devices: Daisy-Chain Topology section). NOTE Use SPI-compatible protocols to execute the RD_REG, WR_REG, CLR_BITS, and SET_BITS commands specified in Table 2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |