| Electronic Components Datasheet Search |
|
AM62A32AMLSIAMBQ1 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A32AMLSIAMBQ1 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 247 page ![]() 10. I/O OPERATING VOLTAGE: This column describes I/O operating voltage options of the respective power supply, when applicable. An empty box means Not Applicable. For more information, see valid operating voltage range(s) defined for each power supply in Section 6.5, Recommended Operating Conditions. 11. POWER: The power supply of the associated I/O, when applicable. An empty box means Not Applicable. 12. HYS: Indicates if the input buffer associated with this I/O has hysteresis: • Yes: With hysteresis • No: Without hysteresis • An empty box means Not Applicable. For more information, see the hysteresis values in Section 6.8, Electrical Characteristics. 13. BUFFER TYPE: This column defines the buffer type associated with a terminal. This information can be used to determine which Electrical Characteristics table is applicable. An empty box means Not Applicable. For electrical characteristics, refer to the appropriate buffer type table in Section 6.8, Electrical Characteristics. 14. PULL UP/DOWN TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can be enabled or disabled via software. • PU: Internal pull-up • PD: Internal pull-down • PU/PD: Internal pull-up and pull-down • An empty box means No internal pull. 15. PADCONFIG Register:Name of the IO pad configuration register associated with Ball. 16. PADCONFIG Address:Physical address of the IO pad configuration register associated with Ball. www.ti.com AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |