Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RC256VPF-G-BCERE1 Datasheet(PDF) 3 Page - RAMXEED LIMITED

Part # MB85RC256VPF-G-BCERE1
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256VPF-G-BCERE1 Datasheet(HTML) 3 Page - RAMXEED LIMITED

  MB85RC256VPF-G-BCERE1 Datasheet HTML 1Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 2Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 3Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 4Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC256VPF-G-BCERE1 Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
MB85RC256V
DS501-00017-11v2-E
3
BLOCK DIAGRAM
I2C (Inter-Integrated Circuit)
The MB85RC256V has the two-wire serial interface; the I2C bus, and operates as a slave device.
The I2C bus defines communication roles of “master” and “slave” devices, with the master side holding the
authority to initiate control. Furthermore, the I2C bus connection is possible where a single master device is
connected to multiple slave devices in a party-line configuration. In this case, it is necessary to assign a
unique device address to the slave device, the master side starts communication after specifying the slave
to communicate by addresses.
I2C Interface System Configuration Example
WP
A0, A1, A2
SDA
SCL
FeRAM Array
32,768  8
Serial/Parallel Converter
Column Decoder/Sense Amp/
Write Amp
SCL
SDA
A2
A1
A0
000
A2
A1
A0
001
A2
A1
A0
010
...
I2C Bus
Master
I2C Bus
MB85RC256V
I2C Bus
MB85RC256V
I2C Bus
MB85RC256V
Pull-up
Resistors
Device address
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com