Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF520VLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF520VLPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF520VLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF520VLPBF Datasheet HTML 1Page - International Rectifier IRF520VLPBF Datasheet HTML 2Page - International Rectifier IRF520VLPBF Datasheet HTML 3Page - International Rectifier IRF520VLPBF Datasheet HTML 4Page - International Rectifier IRF520VLPBF Datasheet HTML 5Page - International Rectifier IRF520VLPBF Datasheet HTML 6Page - International Rectifier IRF520VLPBF Datasheet HTML 7Page - International Rectifier IRF520VLPBF Datasheet HTML 8Page - International Rectifier IRF520VLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF520VSPbF
IRF520VLPbF
HEXFET® Power MOSFET
06/30/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.4
RθJA
Junction-to-Ambient (PCB Mounted, steady state)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 0.165Ω
ID = 9.6A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely low on-
resistance per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET power
MOSFETs are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating
die sizes up to HEX-4. It provides the highest power capability and the
lowest possible on-resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF520VL) is available for low-profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
l Lead-Free
Description
PD - 95484
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
‡
9.6
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
‡
6.8
A
IDM
Pulsed Drain Current
‡
37
PD @TC = 25°C
Power Dissipation
44
W
Linear Derating Factor
0.29
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

9.2
A
EAR
Repetitive Avalanche Energy

4.4
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
7.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
D2Pak
IRF520VS
TO-262
IRF520VL
°C/W


Similar Part No. - IRF520VLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520VL IRF-IRF520VL Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
More results

Similar Description - IRF520VLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com