Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7498 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7498
Description  100-watt 100-watt dual BTL class-D audio amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7498 Datasheet HTML 5Page - STMicroelectronics TDA7498 Datasheet HTML 6Page - STMicroelectronics TDA7498 Datasheet HTML 7Page - STMicroelectronics TDA7498 Datasheet HTML 8Page - STMicroelectronics TDA7498 Datasheet HTML 9Page - STMicroelectronics TDA7498 Datasheet HTML 10Page - STMicroelectronics TDA7498 Datasheet HTML 11Page - STMicroelectronics TDA7498 Datasheet HTML 12Page - STMicroelectronics TDA7498 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
4.2.1
For RL = 6 Ω
Figure 5. Output power (THD = 10%) vs. supply
voltage
10
120
20
30
40
50
60
70
80
90
100
110
+10
+36
+12
+14
+16
+1 8
+20
+22
+24
+26
+2 8
+30
+32
+34
Su pply voltage (V)
Figure 6. THD vs. output power
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
100m
200
200m
500m
1
2
5
10
20
50
100
Output powe r (W)
f = 1 kHz
f = 100 Hz
Figure 7. THD vs. frequency (1 W)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
Figure 8. THD vs. frequency (100 mW)
0.01
2
0.02
0.05
0.1
0.2
0.5
1
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
Figure 9. Frequency response
-3
+3
-2.5
-2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2
+2.5
10
20k
20
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
Figure 10. FFT performance (0 dBFS)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
-180
+0
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Figure 11. FFT performance (-60 dBFS)
20
20k
50
100
200
500
1k
2k
5k
10k
Fre quency (Hz)
-180
+0
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
TDA7498
Characterization curves
DS6437 - Rev 10
page 9/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com