Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4871IST Datasheet(PDF) 38 Page - STMicroelectronics

Part # TS4871IST
Description  Output rail-to-rail 1 W audio power amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4871IST Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TS4871IST Datasheet HTML 34Page - STMicroelectronics TS4871IST Datasheet HTML 35Page - STMicroelectronics TS4871IST Datasheet HTML 36Page - STMicroelectronics TS4871IST Datasheet HTML 37Page - STMicroelectronics TS4871IST Datasheet HTML 38Page - STMicroelectronics TS4871IST Datasheet HTML 39Page - STMicroelectronics TS4871IST Datasheet HTML 40Page - STMicroelectronics TS4871IST Datasheet HTML 41Page - STMicroelectronics TS4871IST Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Contents
1
Pin configuration ..................................................................2
2
Maximum ratings ..................................................................3
3
Electrical characteristics...........................................................4
4
Electrical characteristics curves ...................................................7
5
Application information ...........................................................23
5.1
BTL configuration principle...................................................... 24
5.2
Gain In typical application schematic ............................................. 24
5.3
Low and high frequency response ............................................... 25
5.4
Power dissipation and efficiency ................................................. 25
5.5
Decoupling of the circuit ........................................................ 26
5.6
Pop and Click performance ..................................................... 26
5.7
Power amplifier design examples ................................................ 27
5.8
Application n°1 : 20 Hz to 20 kHz bandwidth and 6 dB gain BTL power amplifier ........ 28
5.9
Application n°2 : 20 Hz to 20 kHz bandwidth and 20 dB gain BTL power amplifier ....... 29
5.10
Application n° 3: 50 Hz to 10 kHz bandwidth and 10 dB gain BTL power amplifier ....... 30
5.11
Application n°4 : Differential inputs BTL power amplifier ............................. 31
5.12
Note on how to use the PSRR curves ............................................ 31
5.13
Principle of operation .......................................................... 32
5.14
High/low cut-off frequencies..................................................... 33
6
Package information..............................................................34
6.1
MiniSO8 package information ................................................... 35
7
Ordering information .............................................................36
Revision history .......................................................................37
TS4871
Contents
DS2547 - Rev 10
page 38/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com