Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4890IST Datasheet(PDF) 36 Page - STMicroelectronics

Part # TS4890IST
Description  Rail-to-rail output 1 W audio power amplifier with standby mode active low
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4890IST Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TS4890IST Datasheet HTML 32Page - STMicroelectronics TS4890IST Datasheet HTML 33Page - STMicroelectronics TS4890IST Datasheet HTML 34Page - STMicroelectronics TS4890IST Datasheet HTML 35Page - STMicroelectronics TS4890IST Datasheet HTML 36Page - STMicroelectronics TS4890IST Datasheet HTML 37Page - STMicroelectronics TS4890IST Datasheet HTML 38Page - STMicroelectronics TS4890IST Datasheet HTML 39Page - STMicroelectronics TS4890IST Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
Application information
TS4890
36/46
DocID8396 Rev 7
and
5.7
Power amplifier design examples
Given:
•
Load impedance: 8
Ω
•
Output power @ 1% THD+N: 0.5 W
•
Input impedance:10 k
Ω min.
•
Input voltage peak to peak: 1 Vpp
•
Bandwidth frequency: 20 Hz to 20 kHz (0, -3 dB)
•
THD+N in 20 Hz to 20 kHz < 0.5% @Pout=0.45 W
•
Ambient temperature max. = 50 °C
•
SO8 package
First of all, we must calculate the minimum power supply voltage to obtain 0.5 W into 8 W.
See curves in Figure 15, we can read 3.5 V. Thus, the power supply voltage value min. is
3.5 V. Following the maximum power dissipation equation:
with 3.5 V we have Pdissmax = 0.31 W.
Refer to power derating curves (Figure 24), with 0.31 W the maximum ambient temperature
is 100 °C. This last value could be higher if you follow the example layout shows on the
demoboard (better dissipation).
The gain of the amplifier in flat region is:
We have Rin > 10 kW. Let us take Rin = 10 k
Ω, then Rfeed = 28.25 kΩ. We could use for
Rfeed = 30 k
Ω in normalized value and the gain is G
v = 6.
In lower frequency we want 20 Hz (-3dB cut off frequency). Then:
So, we could use for CIN a 1 µF capacitor value that gives 16 Hz. In higher frequency we
want 20 kHz (-3dB cut off frequency). The Gain bandwidth product of the TS4890 is 2 MHz
typical and does not change when the amplifier delivers power into the load. The first
amplifier has a gain of:
τ
b
50k
Ω C
b
×
s
()
=
Pdissmax
2Vcc
2
π
2
R
L
----------------- W
()
=
G
V
V
OUTPP
V
INPP
---------------------
2R
LPOUT
2
V
INPP
-------------------------------
5.65
=
=
=
C
IN
1
2
πRinF
CL
---------------------------
795nF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com