Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FQD2P40TM Datasheet(PDF) 2 Page - ON Semiconductor

Part # FQD2P40TM
Description  P-Channel QFET® MOSFET -400 V, -1.56 A, 6.5 Ω
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FQD2P40TM Datasheet(HTML) 2 Page - ON Semiconductor

  FQD2P40TM Datasheet HTML 1Page - ON Semiconductor FQD2P40TM Datasheet HTML 2Page - ON Semiconductor FQD2P40TM Datasheet HTML 3Page - ON Semiconductor FQD2P40TM Datasheet HTML 4Page - ON Semiconductor FQD2P40TM Datasheet HTML 5Page - ON Semiconductor FQD2P40TM Datasheet HTML 6Page - ON Semiconductor FQD2P40TM Datasheet HTML 7Page - ON Semiconductor FQD2P40TM Datasheet HTML 8Page - ON Semiconductor FQD2P40TM Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
May 2015
Thermal Characteristics
FQD2P40
P-Channel QFET® MOSFET
-400 V, -1.56 A, 6.5 Ω
Description
©2008 Fairchild Semiconductor Corporation
FQD2P40 Rev. 1.3
www.fairchildsemi.com
1
This P-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, audio amplifier,
DC motor control, and variable switching power applications..
Features
• -1.56 A, -400 V, RDS(on) = 6.5 Ω (Max.) @ VGS = -10 V,
ID = -0.78 A
• Low Gate Charge (Typ. 10 nC)
• Low Crss (Typ. 6.5 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted.
Symbol
Parameter
FQD2P40TM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
3.29
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
D-PAK
G
S
D
G
S
D
• RoHS Compliant
Symbol
Parameter
FQD2P40
TM
Unit
VDSS
Drain-Source Voltage
-400
V
ID
Drain Current
- Continuous (TC = 25°C)
-1.56
A
- Continuous (TC = 100°C)
-0.98
A
IDM
Drain Current
- Pulsed
(Note 1)
-6.24
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
120
mJ
IAR
Avalanche Current
(Note 1)
-1.56
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-4.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
38
W
- Derate above 25°C
0.3
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering,
1/8” from case for 5 seconds
300
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com