Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4962 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4962
Description  2.8 W filter-free mono class D audio power amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4962_V01 Datasheet HTML 11Page - STMicroelectronics TS4962_V01 Datasheet HTML 12Page - STMicroelectronics TS4962_V01 Datasheet HTML 13Page - STMicroelectronics TS4962_V01 Datasheet HTML 14Page - STMicroelectronics TS4962_V01 Datasheet HTML 15Page - STMicroelectronics TS4962_V01 Datasheet HTML 16Page - STMicroelectronics TS4962_V01 Datasheet HTML 17Page - STMicroelectronics TS4962_V01 Datasheet HTML 18Page - STMicroelectronics TS4962_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
DocID10968 Rev 9
15/44
TS4962
Electrical characteristics
44
Table 10. Electrical characteristics at VCC = +2.5 V
with GND = 0 V, Vicm = 1.25V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.7
2.4
mA
ISTBY
Standby current (1)
No input signal, VSTBY = GND
10
1000
nA
Voo
Output offset voltage
No input signal, RL = 8 Ω
3
25
mV
Pout
Output power, G = 6 dB
THD = 1% max, f = 1 kHz, RL = 4 Ω
THD = 10% max, f = 1 kHz, RL = 4 Ω
THD = 1% max, f = 1 kHz, RL = 8 Ω
THD = 10% max, f = 1 kHz, RL = 8 Ω
0.5
0.65
0.33
0.41
W
THD + N
Total harmonic distortion + noise
Pout = 180 mWRMS, G = 6 dB, 20 Hz < f < 20 kHz
RL = 8 Ω + 15 µH, BW < 30 kHz
Pout = 200 mWRMS, G = 6 dB, f = 1 kHz
RL = 8 Ω + 15 µH, BW < 30 kHz
1
0.05
%
Efficiency
Efficiency
Pout = 0.47 WRMS, RL = 4 Ω + ³ 15 µH
Pout = 0.3 WRMS, RL = 8 Ω + ³ 15 µH
78
88
%
PSRR
Power supply rejection ratio with inputs grounded (2)
f = 217 Hz, RL = 8 Ω, G = 6 dB, Vripple = 200 mVpp
60
dB
CMRR
Common mode rejection ratio
f = 217 Hz, RL = 8 Ω, G = 6 dB, ∆Vic = 200 mVpp
54
dB
Gain
Gain value (Rin in kΩ)
V/V
RSTBY
Internal resistance from standby to GND
273
300
327
k
Ω
FPWM
Pulse width modulator base frequency
200
280
360
kHz
SNR
Signal to noise ratio (A-weighting)
Pout = 0.3 W, RL = 8 Ω
80
dB
tWU
Wake-up time
5
10
ms
tSTBY
Standby time
5
10
ms
273k
Ω
R
in
------------------
300k
Ω
R
in
------------------
327k
Ω
R
in
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com