Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4990 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4990_V01 Datasheet HTML 19Page - STMicroelectronics TS4990_V01 Datasheet HTML 20Page - STMicroelectronics TS4990_V01 Datasheet HTML 21Page - STMicroelectronics TS4990_V01 Datasheet HTML 22Page - STMicroelectronics TS4990_V01 Datasheet HTML 23Page - STMicroelectronics TS4990_V01 Datasheet HTML 24Page - STMicroelectronics TS4990_V01 Datasheet HTML 25Page - STMicroelectronics TS4990_V01 Datasheet HTML 26Page - STMicroelectronics TS4990_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DocID9309 Rev 14
23/33
TS4990
Application information
33
4.9
Application example: differential input, BTL power amplifier
The schematics in Figure 64 show how to configure the TS4990 to work in differential input
mode. The gain of the amplifier is:
In order to reach the best performance of the differential function, R1 and R2 should be
matched at 1% max.
Figure 64. Differential input amplifier configuration
The input capacitor Cin can be calculated by the following formula using the -3 dB lower
frequency required. (FL is the lower frequency required).
Note:
This formula is true only if:
is 5 times lower than FL.
G
VDIFF
2
R
2
R
1
-------
=
R2
R1
Neg. Input
Vcc
Cin
Cs
Cb
Standby
Control
Speaker
8Ohms
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
Vout 1
Vout 2
+
-
+
-
TS4990
R1
Pos. Input
Cin
R2
C
in
1
2
R
1FL
---------------------
(F)
F
CB
1
2
 R
1
R
2
+
C
B
----------------------------------------
(Hz)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com