Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4990 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 6Page - STMicroelectronics TS4990 Datasheet HTML 7Page - STMicroelectronics TS4990 Datasheet HTML 8Page - STMicroelectronics TS4990 Datasheet HTML 9Page - STMicroelectronics TS4990 Datasheet HTML 10Page - STMicroelectronics TS4990 Datasheet HTML 11Page - STMicroelectronics TS4990 Datasheet HTML 12Page - STMicroelectronics TS4990 Datasheet HTML 13Page - STMicroelectronics TS4990 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
TS4990
10/33
DocID9309 Rev 14
Figure 14. PSRR vs. DC output voltage Av = 2
Figure 15. PSRR vs. DC output voltage Av = 10
-5
-4
-3
-2
-1
012345
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 5V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-5
-4
-3
-2
-1
012345
-50
-40
-30
-20
-10
0
Vcc = 5V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)
Figure 16. PSRR vs. DC output voltage Av = 5
Figure 17. PSRR vs. DC output voltage
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-60
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
-5
-4
-3
-2
-1
012345
-60
-50
-40
-30
-20
-10
0
Vcc = 5V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 5
Tamb = 25
°C
Differential DC Output Voltage (V)
Figure 18. PSRR vs. DC output voltage
Cb = 1 µF
Figure 19. PSRR vs. DC output voltage
Vcc = 3.3 V
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-70
-60
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 2
Tamb = 25
°C
Differential DC Output Voltage (V)
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
-50
-40
-30
-20
-10
0
Vcc = 3.3V
Vripple = 200mVpp
RL = 8
Ω
Cb = 1
μF
AV = 10
Tamb = 25
°C
Differential DC Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com