Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4994_V01 Datasheet HTML 19Page - STMicroelectronics TS4994_V01 Datasheet HTML 20Page - STMicroelectronics TS4994_V01 Datasheet HTML 21Page - STMicroelectronics TS4994_V01 Datasheet HTML 22Page - STMicroelectronics TS4994_V01 Datasheet HTML 23Page - STMicroelectronics TS4994_V01 Datasheet HTML 24Page - STMicroelectronics TS4994_V01 Datasheet HTML 25Page - STMicroelectronics TS4994_V01 Datasheet HTML 26Page - STMicroelectronics TS4994_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TS4994
Application information
23/35
must introduce a mismatch factor (Rin1 xCin ≠ Rin2 xCin2) that will decrease the PSRR
performance.
●
From 200Hz to 5kHz, the Cin impedance is low enough to be neglected when
compared with Rin, and the Cfeed impedance is high enough to be neglected as well. In
this range, we can reach the PSRR performance of the TS4994 itself.
●
From 5kHz to 20kHz, the Cin impedance is low to be neglected when compared to Rin,
and the Cfeed impedance decreases to a finite value. Due to tolerance of Cfeed1,2, we
introduce a mismatching factor (Rfeed1 xCfeed1 ≠ Rfeed2 xCfeed2) that will decrease the
PSRR performance.
4.5
Calculating the influence of mismatching on PSRR
performance
For calculating PSRR performance, we consider that Cin and Cfeed have no influence.
We use the same kind of resistor (same tolerance) and
ΔR is the tolerance value in %.
The following PSRR equation is valid for frequencies ranging from DC to about 1kHz.
The PSRR equation is (
ΔR in %):
This equation doesn't include the additional performance provided by bypass capacitor
filtering. If a bypass capacitor is added, it acts, together with the internal high output
impedance bias, as a low-pass filter, and the result is a quite important PSRR improvement
with a relatively small bypass capacitor.
The complete PSRR equation (
ΔR in %, Cb in microFarad and F in Hz) is:
Example: With
ΔR = 0.1% and Cb = 0, the minimum PSRR would be -60dB. With a 100nF
bypass capacitor, at 100Hz the new PSRR would be -93dB.
This example is a worst case scenario, where each resistor has extreme tolerance. It
illustrates the fact that with only a small bypass capacitor, the TS4994 provides high PSRR
performance.
Note also that this is a theoretical formula. Because the TS4994 has self-generated noise,
you should consider that the highest practical PSRR reachable is about -110dB. It is
therefore unreasonable to target a -120dB PSRR.
)
dB
(
)
R
10000
(
100
R
Log
20
PSRR
2 ⎥
⎦
⎤
⎢
⎣
⎡
Δ
−
×
Δ
×
≤
PSRR
20
log
×
≤
R
100
×
Δ
(1000
R
2
)
1F
2
C
b
2
22.2
×
×
+
×
Δ
–
---------------------------------------------------------------------------------------------------------
dB
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com