Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4994 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4994
Description  1W differential input/output audio power amplifier with selectable standby
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4994 Datasheet HTML 1Page - STMicroelectronics TS4994 Datasheet HTML 2Page - STMicroelectronics TS4994 Datasheet HTML 3Page - STMicroelectronics TS4994 Datasheet HTML 4Page - STMicroelectronics TS4994 Datasheet HTML 5Page - STMicroelectronics TS4994 Datasheet HTML 6Page - STMicroelectronics TS4994 Datasheet HTML 7Page - STMicroelectronics TS4994 Datasheet HTML 8Page - STMicroelectronics TS4994 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
December 2006
Rev 6
1/35
35
TS4994
1W differential input/output audio power amplifier
with selectable standby
Features
■ Differential inputs
■ Near-zero pop & click
■ 100dB PSRR @ 217Hz with grounded inputs
■ Operating range from VCC = 2.5V to 5.5V
■ 1W rail-to-rail output power @ VCC =5V,
THD = 1%, F = 1kHz, with 8
Ωload
■ 90dB CMRR @ 217Hz
■ Ultra-low consumption in standby mode (10nA)
■ Selectable standby mode (active low or active
high)
■ Ultra fast startup time: 15ms typ.
■ Available in DFN10 3x3 (0.5mm pitch) &
MiniSO-8
■ All lead-free packages
Description
The TS4994 is an audio power amplifier capable
of delivering 1W of continuous RMS output power
into an 8
Ωload @ 5V. Due to its differential inputs,
it exhibits outstanding noise immunity.
An external standby mode control reduces the
supply current to less than 10nA. An STBY
MODE pin allows the standby to be active HIGH
or LOW (except in the MiniSO-8 version). An
internal thermal shutdown protection is also
provided, making the device capable of sustaining
short-circuits.
The device is equipped with common mode
feedback circuitry allowing outputs to be always
biased at VCC/2 regardless of the input common
mode voltage.
The TS4994 is designed for high quality audio
applications such as mobile phones and requires
few external components.
Applications
■ Mobile phones (cellular / cordless)
■ Laptop / notebook computers
■ PDAs
■ Portable audio devices
Order codes
TS4994IQT - DFN10
Pin connections (top view)
1
2
3
4
5
10
9
8
7
6
V
IN -
V
O+
STBY
V
DD
V
IN +
STBY MODE
BYPASS
V
O-
GND
N/C
1
2
3
4
5
1
2
3
4
5
10
9
8
7
6
10
9
8
7
6
V
IN -
V
O+
STBY
V
DD
V
IN +
STBY MODE
BYPASS
V
O-
GND
N/C
4
3
2
1
V
IN+
V
IN-
V
O+
GND
Vcc
V
O-
BYPASS
5
6
7
8
STBY
4
3
2
1
V
IN+
V
IN-
V
O+
GND
Vcc
V
O-
BYPASS
5
6
7
8
STBY
TS4994IST - MiniSO-8
Part number
Temperature range
Package
Packing
Marking
TS4994IQT
-40°C to +85°C
DFN10
Tape & reel
K994
TS4994IST
MiniSO-8
K994
www.st.com


Similar Part No. - TS4994

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
Texas Instruments
TS4994 TI-TS4994 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994EIJT STMICROELECTRONICS-TS4994EIJT Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4994EIKJT STMICROELECTRONICS-TS4994EIKJT Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
More results

Similar Description - TS4994

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Oct-2002
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jun-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4994 STMICROELECTRONICS-TS4994 Datasheet
762Kb / 31P
1W Differential Input/Output Audio Power Amplifier with Selectable Standby
logo
National Semiconductor ...
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
Apr-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com