Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS514 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS514
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514 Datasheet(HTML) 5 Page - STMicroelectronics

  TS514_V01 Datasheet HTML 1Page - STMicroelectronics TS514_V01 Datasheet HTML 2Page - STMicroelectronics TS514_V01 Datasheet HTML 3Page - STMicroelectronics TS514_V01 Datasheet HTML 4Page - STMicroelectronics TS514_V01 Datasheet HTML 5Page - STMicroelectronics TS514_V01 Datasheet HTML 6Page - STMicroelectronics TS514_V01 Datasheet HTML 7Page - STMicroelectronics TS514_V01 Datasheet HTML 8Page - STMicroelectronics TS514_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID5050 Rev 6
5/16
TS514
Electrical characteristics
16
3
Electrical characteristics
Table 3. Electrical characteristics at VCC = ±15 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current (per operator)
at Tmin ≤ Top ≤ Tmax
0.5
0.6
0.75
mA
Iib
Input bias current
– at 25 °C
– at Tmin ≤ Top ≤ Tmax
50
150
300
nA
Ri
Input resistance, F= 1 kHz
1
M
Ω
Vio
Input offset voltage
– at 25 °C
TS514
TS514A
– at Tmin ≤ Top ≤ Tmax
TS514
TS514A
0.5
2.5
0.5
4
1.5
mV
∆V
io
Input offset voltage drift at Tmin ≤ Top ≤ Tmax
5
µV/°C
Iio
Input offset current
at 25 °C
at Tmin ≤ Top ≤ Tmax
5
20
40
nA
∆I
io
Input offset current drift
Tmin ≤ Top ≤ Tmax
0.08
Ios
Output short-circuit current
23
mA
Avd
Large signal voltage gain, RL = 2 kΩ
VCC = ±15 V, at Tmin ≤ Top ≤ Tmax
VCC = ± 4 V
90
100
95
dB
GBP
Gain bandwidth product, F = 100 kHz
1.8
3
MHz
en
Equivalent input noise voltage, F = 1 kHz
Rs = 50
Ω
Rs = 1 k
Ω
Rs = 10 k
Ω
8
10
18
15
THD
Total harmonic distortion
Av = 20 dB, RL = 2 kΩ, Vo = 2 Vpp, f = 1 kHz
0.03
0.1
%
±Vopp
Output voltage swing, RL = 2 kΩ
VCC = ±15 V, at Tmin ≤ Top ≤ Tmax
VCC = ± 4 V
±13
±3
V
Vopp
Large signal voltage swing, RL = 2 kΩ, F = 10 kHz
28
Vpp
SR
Slew rate, unity gain, RL = 2 kΩ
0.8
1.5
V/
µs
CMR
Common mode rejection ratio
CMR = 20 log (
∆V
ic/∆Vio)
(Vic = -10 V to 10 V, Vout = VCC/2, RL > 1 MΩ)
90
dB
nA
°C
-------
nV
Hz
-----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com