Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTVALVECNTLEVMUG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # KTVALVECNTLEVMUG
Description  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTVALVECNTLEVMUG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button KTVALVECNTLEVMUG Datasheet HTML 5Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 6Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 7Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 8Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 9Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 10Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 11Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 12Page - Freescale Semiconductor, Inc KTVALVECNTLEVMUG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Getting to Know the Hardware
KTVALVECNTLEVMUG Rev. 1.0
Freescale Semiconductor, Inc.
9
3.5
Test Point Definitions
The following test-point jumpers provide access to signals on the MC34SB0410 and the MC34SB0800:
3.6
Jumper Definitions
The following table defines the evaluation board jumper positions and explains their functions. (The default settings are shown in bold.)
.
LDx
Connection to Low-side driver general purpose pins (LD1, LD2)
CAN
CAN bus connector
LIN
LIN bus connector
Programming Port
USB BDM Multilink cable connection to PC (for downloading firmware)
I/O and SPI Port
16-bit parallel connector providing SPI bus access to MCU SPI pins (SCLK, CSB, SI, SO)
FTDI to USB Port
Primary communication link with PC when used with GUI
VCC5
Power supply connection for EVB VCC5
GND
Digital ground connection for EVB
VPWR
Power supply connection for EVB VPWR
AGND
Analog ground connection for EVB
Table 5. Test Point Definitions
Schematic Label
Description
TP1
Ground connection
TP3
High Side Gate Driver signal of the High Side Safe Switch
TP6
Ground Connection
TP9
MCU UART RX Signal
TP11
Ground Connection
TP12
MCU UART TX Signal
TP13
Octal Valves Controller SoC Chip Selection signal
TP14
Quad Valves Controller SoC Chip Selection signal
TP15
High Side Gate Driver signal of the DC Motor Pump
TP16
Serial Peripheral Clock signal
TP18
Serial Peripheral MOSI signal
TP20
Serial Peripheral MISO signal
Table 6. Jumper Definitions
Jumper
Description
Setting
Connection
JP1
Selects debug mode or normal mode for the SBC
(MCZ33903)
1-2
Debug mode (no watchdog)
2-3
Normal mode
Table 4. KITVALVECNTLEVM Connectors (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com