Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SEN0171 Datasheet(PDF) 2 Page - DFROBOT

Part # SEN0171
Description  PIR Motion Sensor V1.0 SKU:SEN0171
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0171 Datasheet(HTML) 2 Page - DFROBOT

  SEN0171 Datasheet HTML 1Page - DFROBOT SEN0171 Datasheet HTML 2Page - DFROBOT SEN0171 Datasheet HTML 3Page - DFROBOT SEN0171 Datasheet HTML 4Page - DFROBOT SEN0171 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specification
Input Voltage: 3.3 ~ 5V, 6V Maximum
Working Current: 15uA
Working Temperature: -20 ~ 85
Output Voltage: High 3V, low 0V
Output Delay Time(High Level): About 2.3 to 3 Seconds
Detection angle: 100 °
Detection distance: 7 meters
Output Indicator LED(When output HIGH,it will be ON)
Pin limit current: 100mA
Connection Interface: PH2.0-3
Module size: 30mm × 22mm
Application
Intrusion Alarm
Non-contact infrared automatic switch
PinOut
Diagram
Overview of the Detector
The pyroelectric infrared motion sensor integrates a digital integrated body pyroelectric infrared
detector whose model is AM412.
This detector is a digital intelligent PIR sensor. It interfaces directly with up to two conventional PIR
sensors via a high impedance differential input. The PIR signal is converted to a 15 bit digital value
on chip. A LED indicates whenever the PIR signal is above the selected threshold. All signal
processing is performed digitally.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com