Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC721A Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # PC721A
Description  2.1mm POWER JACKS STRAIGHT PC, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

PC721A Datasheet(HTML) 1 Page - Switchcraft, Inc.

  PC721A Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.434
11.0
2.1 mm CENTER PIN
REF
0.215
5.5
0.54
13.7
0.82
20.8
5/16-32 UNEF 2A
THREAD REF
CENTER PIN
TERMINAL
SLEEVE TERMINAL
SHUNT TERMINAL
5/16-32 UNEF HEX NUT
FLAT WASHER
2.1mm POWER JACK
STRAIGHT PC
RED INSULATOR DENOTES 2.1mm SIZE POWER JACK
SCHEMATIC
SLEEVE
SLEEVE SHUNT
CENTER PIN
0.315±0.002
8.0±0.05
RECOMMENDED PANEL MTG HOLE
0.062 TYP
1.57
0.156
3.96
0.040
1.02
0.150
3.81
0.156
3.96
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE)
CENTER PIN
SLEEVE
SLEEVE SHUNT
CL
CL
NOTES:
1. DIMENSIONS SHOWN FOR REFERENCE ONLY.
2. HEX NUT AND FLAT WASHER SUPPLIED UNASSEMBLED.
3. MATERIAL:
HOUSING, HEX NUT - COPPER ALLOY, NICKEL PLATED
INSULATOR HOUSING - THERMOPLASTIC, RED
TERMINAL INSULATORS - PHENOLIC
FLAT WASHER - STEEL, NICKEL PLATED
PIN, SPRING, TERMINALS - COPPER ALLOY, SILVER PLATED
4. THESE PRODUCTS ARE RoHS COMPLIANT
PART NUMBER
DESCRIPTION
SWITCHCRAFT
MATING 2.1mm POWER PLUGS
PC721A
2.1mm POWER JACK, STRAIGHT PC
762, 763, 762K, 763K
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
0A
PRELIMINARY
02/08/17 PNK SRC
3:1
02/08/17 PNK
PNK
02/08/17
SRC
02/08/17
1
1
2.1mm POWER JACKS
STRAIGHT PC, RoHS
PC721A
0A
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - PC721A

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
PC722A SWITCH-PC722A Datasheet
74Kb / 1P
POWER JAX
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH SWITCH-PC722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
PC722AH. SWITCH-PC722AH. Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
logo
Sharp Corporation
PC723 SHARP-PC723 Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC721A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADC0021 ADAM-TECH-ADC0021 Datasheet
138Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ008S ADAM-TECH-MDJ008S Datasheet
125Kb / 1P
MINI DIN JACKS PC BOARD & PANEL MOUNT
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
STRAIGHT MINIATURE POWER JACKS (continued)
P286305 SWITCH-P286305 Datasheet
39Kb / 1P
MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
RASH722X SWITCH-RASH722X Datasheet
185Kb / 1P
RIGHT ANGLE PC MOUNT DC SERIES POWER JACKS
logo
NTE Electronics
JK-01 NTE-JK-01 Datasheet
551Kb / 1P
Power Jacks
logo
Switchcraft, Inc.
L712AH SWITCH-L712AH Datasheet
114Kb / 1P
HT POWER JACKS L712AH, L722AH, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com