Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBA Datasheet(PDF) 2 Page - APEM

Part # PBA
Description  ATEX approved piezo switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

PBA Datasheet(HTML) 2 Page - APEM

  PBA_V02 Datasheet HTML 1Page - APEM PBA_V02 Datasheet HTML 2Page - APEM PBA_V02 Datasheet HTML 3Page - APEM PBA_V02 Datasheet HTML 4Page - APEM PBA_V02 Datasheet HTML 5Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• Case : 316L stainless steel
• Terminals : multi-wire leads
0.22 mm2, length 300 mm (11.81)
APEM products may be recycled at end-of-life for the re-claiming of valuable metal
components.
MATERIALS
ATEX approved piezo switches
PBA series
Usage : mines full of fire damp and potentially explosive
atmospheres of groups IIC,IIB et IIA in T4 temperature
class and/or in the presence of combustible dust (T135°C).
AGENCY APPROVAL
II 1 G D ; I M1
Ex ia IIC T4 Ga ; Ex ia I Ma
Ex ia IIIC T135°C Da IP66
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com