Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC3301DWE.B Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC3301DWE.B
Description  AMC3301 Precision, ±250mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3301DWE.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC3301DWE.B Datasheet HTML 18Page - Texas Instruments AMC3301DWE.B Datasheet HTML 19Page - Texas Instruments AMC3301DWE.B Datasheet HTML 20Page - Texas Instruments AMC3301DWE.B Datasheet HTML 21Page - Texas Instruments AMC3301DWE.B Datasheet HTML 22Page - Texas Instruments AMC3301DWE.B Datasheet HTML 23Page - Texas Instruments AMC3301DWE.B Datasheet HTML 24Page - Texas Instruments AMC3301DWE.B Datasheet HTML 25Page - Texas Instruments AMC3301DWE.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
The low input voltage range, low nonlinearity, and low temperature drift make the AMC3301 a high-performance
solution for industrial applications where shunt-based current sensing with high common-mode voltage levels is
required.
7.2 Typical Application
The AMC3301 is ideally suited for shunt-based current sensing applications where accurate current monitoring is
required in the presence of high common-mode voltages. The AMC3301 integrates an isolated power supply for
the high-voltage side and therefore makes the device particularly easy to use in applications that do not have a
high-side supply readily available or where a high-side supply is referenced to a different ground potential than
the signal to be measured.
Figure 7-1 shows a simplified schematic of the AMC3301 in a solar inverter where the phase current is
measured on the grid-side of an LCL filter. Although the system offers a supply for the high-side gate driver,
there is a large common-mode voltage between the gate driver supply ground reference and the shunt resistor
on the other side of the LCL filter. Therefore, the gate driver supply is not suitable for powering the high-side
of an isolated amplifier that measures the voltage across the shunt. The integrated isolated power supply of the
AMC3301 solves that problem and enables current sensing at locations that is optimal for the system.
The diagram also shows the AMC3330 being used for sensing the AC output voltage.
to MCU
ADS8363
16-Bit ADC
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
10 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to MCU
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
ADS8363
16-Bit ADC
to grid (L1)
RSHUNT
DC+
DC-
IPHASE
HS Gate
Driver
Supply
LS Gate
Driver
Supply
PGND
PGND
SW
RL11
RL1SNS
SW
PGND
N
N
RL12
Figure 7-1. The AMC3301 in a Solar Inverter Application
AMC3301
SBAS917C – AUGUST 2019 – REVISED MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC3301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com