Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7836IPAPR.B Datasheet(PDF) 50 Page - Texas Instruments

Part # AMC7836IPAPR.B
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPR.B Datasheet(HTML) 50 Page - Texas Instruments

Back Button AMC7836IPAPR.B Datasheet HTML 46Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 47Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 48Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 49Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 50Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 51Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 52Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 53Page - Texas Instruments AMC7836IPAPR.B Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
50
AMC7836
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.1.2 Interface Configuration 1 Register (address = 0x01) [reset = 0x00]
Figure 66. Interface Configuration 1 (Interface Config 1) Register (R/W)
7
6
5
4
3
2
1
0
SINGLE-INSTR
Reserved
READBACK
Reserved
R/W-0
R/W-0
R/W-0
R/W-All zeros
Table 10. Interface Config 1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SINGLE-INSTR
R/W
0
Single instruction enable
0: streaming mode (default)
1: single instruction
6
Reserved
R/W
0
Reserved for factory use
5
READBACK
R/W
0
Read back
0: DAC read back from active registers (default)
1: DAC read back from buffer registers
4-0
Reserved
R/W
All zeros
Reserved for factory use
7.6.1.3 Device Configuration Register (address = 0x02) [reset = 0x03]
Figure 67. Device Configuration (Device Config) Register (R/W)
7
6
5
4
3
2
1
0
Reserved
POWER-MODE
R/W-All Zeros
R/W-11
Table 11. Device Config Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
Reserved
R/W
All zeros
Reserved for factory use
1-0
POWER-MODE
R/W
11
Mode:
00: Normal operation – full power and full performance
11: Power Down – lowest power, non-operational except
SPI
One time overwrite of the power-down registers (0xB2 and
0xB3)
7.6.2 Device Identification: Address 0x03 – 0x0D
7.6.2.1 Chip Type Register (address = 0x03) [reset = 0x08]
Figure 68. Chip Type Register (R)
7
6
5
4
3
2
1
0
Reserved
CHIP-TYPE
R-0x0
R-0x8
Table 12. Chip Type Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
Reserved
R
0x0
Reserved for factory use
3-0
CHIP-TYPE
R
0x8
Identifies the device as a precision analog monitor and control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com