Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7836IPAPRG4.A Datasheet(PDF) 51 Page - Texas Instruments

Part # AMC7836IPAPRG4.A
Description  AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7836IPAPRG4.A Datasheet(HTML) 51 Page - Texas Instruments

Back Button AMC7836IPAPRG4.A Datasheet HTML 47Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 48Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 49Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 50Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 51Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 52Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 53Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 54Page - Texas Instruments AMC7836IPAPRG4.A Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
51
AMC7836
www.ti.com
SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018
Product Folder Links: AMC7836
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.6.2.2 Chip ID Low Byte Register (address = 0x04) [reset = 0x36]
Figure 69. Chip ID Low Byte Register (R)
7
6
5
4
3
2
1
0
CHIPID-LOW
R-0x36
Table 13. Chip ID Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CHIPID-LOW
R
0x36
Chip ID. Low byte
7.6.2.3 Chip ID High Byte Register (address = 0x05) [reset = 0x0C]
Figure 70. Chip ID High Byte Register (R)
7
6
5
4
3
2
1
0
CHIPID-HIGH
R-0x0C
Table 14. Chip ID High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CHIPID-HIGH
R
0x0C
Chip ID. High byte
7.6.2.4 Version ID Register (address = 0x06) [reset = 0x00]
Figure 71. Version ID Register (R)
7
6
5
4
3
2
1
0
VERSIONID
R-0x00
Table 15. Version ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
VERSIONID
R
0x00
AMC7836 version ID. Subject to change
7.6.2.5 Manufacturer ID Low Byte Register (address = 0x0C) [reset = 0x51]
Figure 72. Manufacturer ID Low Byte Register (R)
7
6
5
4
3
2
1
0
VENDORID-LOW
R-0x51
Table 16. Manufacturer ID Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
VENDORID-LOW
R
0x51
Manufacturer ID. Low byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com