Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABM12-26.000MHZ-7-R40-B2X Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM12-26.000MHZ-7-R40-B2X
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM12-26.000MHZ-7-R40-B2X Datasheet(HTML) 2 Page - Abracon Corporation

  ABM12-26.000MHZ-7-R40-B2X Datasheet HTML 1Page - Abracon Corporation ABM12-26.000MHZ-7-R40-B2X Datasheet HTML 2Page - Abracon Corporation ABM12-26.000MHZ-7-R40-B2X Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABM12
ULTRA MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
Dimensions: mm
OUTLINE DRAWING:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
1.6 x 1.2 x 0.45mm
Revised: 12.09.13
Pb RoHS/RoHS II Compliant
Note 1: Due to material availability, the outline and finish color of the component lid may vary. This
variation in no way affects the electrical performance of the product.
Note 2: Due to materials availability, this part may be manufactured with the chamfer on pin 1 or 2.
This variation in no way affects the electrical performance of the product.
REFLOW PROFILE:
Pin 2 and pin 4 are connected to the
metal lid (*1). (Please connect to GND)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com