Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ28Z610DRZR-R1G4 Datasheet(PDF) 35 Page - Texas Instruments

Part # BQ28Z610DRZR-R1G4
Description  BQ28Z610-R1 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ28Z610DRZR-R1G4 Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ28Z610DRZR-R1G4 Datasheet HTML 30Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 31Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 32Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 33Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 34Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 35Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 36Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 37Page - Texas Instruments BQ28Z610DRZR-R1G4 Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4218895/B 03/2022
www.ti.com
VSON - 1 mm max height
PLASTIC QUAD FLATPACK- NO LEAD
DRZ0012A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
4.15
3.85
2.65
2.35
SEATING PLANE
C
PIN 1 ID
(OPTIONAL)
1
6
12
7
13
PIN 1 INDEX AREA
1
0.8
0.05
0
2X 2
10X 0.4
12X 0.3
0.1
12X 0.5
0.3
2.55
2.35
2X (0.2)
2.05
1.85
(0.2) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com