| Electronic Components Datasheet Search |
|
STA381BWS Datasheet(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Datasheet(HTML) 96 Page - STMicroelectronics |
|
96 / 174 page ![]() Register description: New Map STA381BWS 96/174 DocID018937 Rev 7 Table 87. PNDLSL bits configuration 6.30.6 Short-circuit check enable bit This bit, when enabled, will activate the short-circuit checks before any power bridge activation (EAPD bit 0->1). See section Section 6.28: Short-circuit protection mode registers SHOK (address 0x58) for more details. 6.31 Bad PWM detection registers (address 0x5E, 0x5F, 0x60) The STA381BWS implements a detection on PWM outputs able to verify if the output signal has no zero-crossing in a configurable time window. This check can be useful to detect the DC level in the PWM outputs. To be noted that the checks are performed on logic level PWM (i.e. not the power bridge ones, nor the PWM on DDX3 and DDX4 IOs). In case of ternary modulation, the detection threshold is computed as: TH=[(BPTH*2+1)/128]*100% If the measured PWM duty cycle is detected greater than or equal to TH for more than BPTIM PWM periods, the corresponding PWM bit will be set in register 0x01. In case of binary modulation, there are two thresholds: TH1=[(64+BPTH)/128]*100% TH2=[(64-BPTH)/128]*100% In this case if the measured PWM duty cycle is outside the TH1-TH2 range for more than BPTIM PWM periods, the corresponding bit will be set in register 0x4E. PNDLSL[2] PNDLSL[1] PNDLSL[2] Fade-out time 00 0 Default time (13M PLL clock cycles) 00 1 Default time divided by 2 01 0 Default time divided by 4 01 1 Default time divided by 8 10 0 Default time divided by 16 10 1 Default time divided by 32 11 0 Default time divided by 64 11 1 Default time divided by 128 D7 D6 D5 D4 D3 D2 D1 D0 BPTH[5] BPTH[4] BPTH[3] BPTH[2] BPTH[1] BPTH[0] reserved reserved 00110010 D7 D6 D5 D4 D3 D2 D1 D0 BPTIM[7] BPTIM[6] BPTIM[5] BPTIM[4] BPTIM[3] BPTIM[2] BPTIM[1] BPTIM[0] 01011110 Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |