Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA508 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA508
Description  40 V, 4.5 A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA508 Datasheet HTML 10Page - STMicroelectronics STA508 Datasheet HTML 11Page - STMicroelectronics STA508 Datasheet HTML 12Page - STMicroelectronics STA508 Datasheet HTML 13Page - STMicroelectronics STA508 Datasheet HTML 14Page - STMicroelectronics STA508 Datasheet HTML 15Page - STMicroelectronics STA508 Datasheet HTML 16Page - STMicroelectronics STA508 Datasheet HTML 17Page - STMicroelectronics STA508 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Table 9. Tolerance of form and position
Symbol
Databook
aaa
0.10
bbb
0.30
ccc
0.075
ddd
0.25
eee
0.10
ggg
0.25
Note
1.2
Table 10. Variations
Symbol
Databook
Opt.
Min.
Typ.
Max.
D1
9.40
-
9.80
A
E2
5.80
-
6.20
STA508
PowerSO-36 exposed pad up package information
DS3503 - Rev 6
page 14/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com