Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA510F Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA510F
Description  44 V, 5.5 A, quad power half-bridge
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA510F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA510F_V01 Datasheet HTML 18Page - STMicroelectronics STA510F_V01 Datasheet HTML 19Page - STMicroelectronics STA510F_V01 Datasheet HTML 20Page - STMicroelectronics STA510F_V01 Datasheet HTML 21Page - STMicroelectronics STA510F_V01 Datasheet HTML 22Page - STMicroelectronics STA510F_V01 Datasheet HTML 23Page - STMicroelectronics STA510F_V01 Datasheet HTML 24Page - STMicroelectronics STA510F_V01 Datasheet HTML 25Page - STMicroelectronics STA510F_V01 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
DocID014268 Rev 5
25/26
STA510F
Revision history
26
8
Revision history
Table 16. Document revision history
Date
Revision
Changes
13-Dec-2007
1
Initial release.
28-Jun-2011
2
Added part number STA510FTR to Table 1: Device summary
Updated ECOPACK® text in Section 6: Package information
Minor textual updates
02-Sep-2011
3
Updated package to PowerSSO36 throughout datasheet
Corrected typographical error in Features
Updated Figure 1
Updated Figure 2
Updated Figure 21
03-Jun-2014
4
Added:
– Figure 5 on page 9, Figure 6 on page 10, Figure 7 on page 10 and
Figure 8 on page 11
– Section 4: Characterization curves
– Section 5: Output filter
11-Dec-2018
5
Updated Table 1: Device summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com