Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2030 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2030
Description  14 W hi-fi audio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2030_V01 Datasheet HTML 1Page - STMicroelectronics TDA2030_V01 Datasheet HTML 2Page - STMicroelectronics TDA2030_V01 Datasheet HTML 3Page - STMicroelectronics TDA2030_V01 Datasheet HTML 4Page - STMicroelectronics TDA2030_V01 Datasheet HTML 5Page - STMicroelectronics TDA2030_V01 Datasheet HTML 6Page - STMicroelectronics TDA2030_V01 Datasheet HTML 7Page - STMicroelectronics TDA2030_V01 Datasheet HTML 8Page - STMicroelectronics TDA2030_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
June 2011
Doc ID 1458 Rev 3
1/17
17
TDA2030
14 W hi-fi audio amplifier
Features
■ Wide-range supply voltage, up to 36 V
■ Single or split power supply
■ Short-circuit protection to ground
■ Thermal shutdown
Description
The TDA2030 is a monolithic integrated circuit in
the Pentawatt® package, intended for use as a
low frequency class-AB amplifier. Typically it
provides 14 W output power (d = 0.5%) at
14 V/4
Ω. At ±14 V or 28 V, the guaranteed output
power is 12 W on a 4
Ω load and 8 W on an 8 Ω
(DIN45500).
The TDA2030 provides high output current and
has very low harmonic and crossover distortion.
Furthermore, the device incorporates an original
(and patented) short-circuit protection system
comprising an arrangement for automatically
limiting the dissipated power so as to keep the
operating point of the output transistors within
their safe operating range. A conventional thermal
shutdown system is also included.
Figure 1.
Ex: Functional block diagram
Table 1.
Device summary
Order code
Package
TDA2030H
Pentawatt horizontal
Pentawatt (horizontal)
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA2030_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030AV STMICROELECTRONICS-TDA2030AV Datasheet
238Kb / 15P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
Mar-1995
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030AV STMICROELECTRONICS-TDA2030AV Datasheet
503Kb / 23P
18 W hi-fi amplifier and 35 W driver
13-Jul-2011
TDA2030AV. STMICROELECTRONICS-TDA2030AV. Datasheet
503Kb / 23P
18 W hi-fi amplifier and 35 W driver
13-Jul-2011
More results

Similar Description - TDA2030_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
18W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
logo
Tiger Electronic Co.,Lt...
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com