Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA2822D Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA2822D
Description  Dual low voltage power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2822D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA2822D_V01 Datasheet HTML 3Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 4Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 5Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 6Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 7Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 8Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 9Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 10Page - STMicroelectronics TDA2822D_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Bridge (see Figure 3. Bridge application and test circuit).
Table 4. Electrical characteristics (bridge)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VS
Supply voltage
1.8
15
V
Id
Total quiescent drain current
RL = ∞
15
mA
VOS
Output offset voltage between the outputs
RL = 8 Ω
±80
mV
Ib
Input bias current
100
nA
PO
Output power (f = 1 kHz, d = 10%)
RL = 32 Ω
VS = 9 V
1000
mW
VS = 6 V
320
400
VS = 4.5 V
200
VS = 3 V
50
65
VS = 2 V
8
RL = 16 Ω
VS = 6 V
800
mW
VS = 3 V
120
RL = 8 Ω
VS = 4.5 V
700
mW
VS = 3 V
220
RL = 4 Ω
VS = 3 V
350
mW
VS = 2 V
80
d
Distortion
RL = 8 Ω
PO = 0.5 mW, f = 1 kHz
0.2
%
GV
Closed loop voltage gain
f = 1 kHz
39
dB
Ri
Input resistance
f = 1 kHz
100
kΩ
eN
Total input noise
Rs =10 kΩ, B = curve A
2.5
µV
Rs = 10 kΩ, B = 22 Hz to 22 kHz
3
SVR
Supply voltage rejection
f = 100 Hz
40
dB
B
Power bandwidth (-3 dB)
RL = 8 kΩ, PO = 1 W
120
kHz
TDA2822D
Electrical characteristics
DS0119 - Rev 3
page 7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com