Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7266 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7266
Description  7 7 W dual bridge amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7266 Datasheet HTML 2Page - STMicroelectronics TDA7266 Datasheet HTML 3Page - STMicroelectronics TDA7266 Datasheet HTML 4Page - STMicroelectronics TDA7266 Datasheet HTML 5Page - STMicroelectronics TDA7266 Datasheet HTML 6Page - STMicroelectronics TDA7266 Datasheet HTML 7Page - STMicroelectronics TDA7266 Datasheet HTML 8Page - STMicroelectronics TDA7266 Datasheet HTML 9Page - STMicroelectronics TDA7266 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
5
Application suggestion
Standby and mute functions
(A) Microprocessor application
Turn-on/off transients, guarantee the right ST-BY and mute signal sequence.
This function can be got thanks to a microprocessor (Figure 3. Microprocessor application and
Figure 4. Microprocessor driving signals).
At first ST-BY signal (from microprocessor) goes high and the voltage across the ST-BY terminal (Pin 7) starts to
increase exponentially. The external RC network turns on slowly the biasing circuits of the amplifier, to avoid
"POP" and "CLICK" on the outputs.
When this voltage reaches the ST-BY threshold level, the amplifier is switched on and the external capacitors in
series to the input terminals (C3, C5) start to charge.
The mute signal must be kept low until the capacitors are fully charged, so to avoid that the device goes to play
mode causing a loud "Pop Noise" on the speakers.
A delay of 100 - 200 ms between ST-BY and mute signals is suitable for a proper operation.
Figure 3. Microprocessor application
1
2
4
Vref
ST-BY
7
IN1
C1 0.22µF
VCC
13
3
+
-
-
+
OUT1+
OUT1-
15
14
12
MUTE
6
IN2
C3 0.22µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
C5
470µF
C6
100nF
R1 10K
C2
10µF
µP
R2 10K
C4
1µF
TDA7266
Application suggestion
DS0184 - Rev 11
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com