Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7293V Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7293V
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293V Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7293V Datasheet HTML 1Page - STMicroelectronics TDA7293V Datasheet HTML 2Page - STMicroelectronics TDA7293V Datasheet HTML 3Page - STMicroelectronics TDA7293V Datasheet HTML 4Page - STMicroelectronics TDA7293V Datasheet HTML 5Page - STMicroelectronics TDA7293V Datasheet HTML 6Page - STMicroelectronics TDA7293V Datasheet HTML 7Page - STMicroelectronics TDA7293V Datasheet HTML 8Page - STMicroelectronics TDA7293V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Electrical specifications
TDA7293
4/21
Doc ID 6744 Rev 8
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage (no signal)
±60
V
V1
VSTANDBY GND voltage referred to -VS (pin 8)
90
V
V2
Input voltage (inverting) referred to -VS
90
V
V2 - V3
Maximum differential inputs
±30
V
V3
Input voltage (non inverting) referred to -VS
90
V
V4
Signal GND voltage referred to -VS
90
V
V5
Clip detector voltage referred to -VS
120
V
V6
Bootstrap voltage referred to -VS
120
V
V9
Standby voltage referred to -VS
120
V
V10
Mute voltage referred to -VS
120
V
V11
Buffer voltage referred to -VS
120
V
V12
Bootstrap loader voltage referred to -VS
100
V
IO
Output peak current
10
A
Ptot
Power dissipation T
case = 70°C
50
W
Top
Operating ambient temperature range
0 to 70
°C
Tstg, Tj
Storage and junction temperature
150
°C
VS
Supply voltage (no signal)
±60
V
V1
VSTANDBY GND voltage referred to -VS (pin 8)
90
V
VESD_HBM
ESD maximum withstanding voltage range,
test condition CDF-AEC-Q100-002- ”Human body
model”
±1500
V
Table 3.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rthj-case
Thermal resistance junction to case
-
1
1.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com