Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7293HS Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7293HS
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293HS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7293HS Datasheet HTML 7Page - STMicroelectronics TDA7293HS Datasheet HTML 8Page - STMicroelectronics TDA7293HS Datasheet HTML 9Page - STMicroelectronics TDA7293HS Datasheet HTML 10Page - STMicroelectronics TDA7293HS Datasheet HTML 11Page - STMicroelectronics TDA7293HS Datasheet HTML 12Page - STMicroelectronics TDA7293HS Datasheet HTML 13Page - STMicroelectronics TDA7293HS Datasheet HTML 14Page - STMicroelectronics TDA7293HS Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TDA7293
Applications information
Doc ID 6744 Rev 8
11/21
4.2
High efficiency
Constraints of implementing high power solutions are the power dissipation and the size of
the power supply. These are both due to the low efficiency of conventional AB class
amplifier approaches.
The circuit below in Figure 8 is a high efficiency amplifier which can be adopted for both hi-fi
and car-radio applications. The TDA7293 is a monolithic MOS power amplifier which can be
operated with a 100-V supply (120 V with no signal applied) while delivering output currents
up to ±6.5 A. This allows the use of this device as a very high-power amplifier (up to 180 W
peak power with THD = 10% and RL = 4 Ω); the only drawback is the power dissipation,
hardly manageable in the above power range.
The typical junction-to-case thermal resistance of the TDA7293 is 1 °C/W (max = 1.5 °C/W).
In worst case conditions, to avoid the chip temperature exceeding 150 °C the thermal
resistance of the heatsink must be 0.038 °C/W (at a maximum ambient temperature of
50 °C).
As the above value is pratically unreachable, a high efficiency system is needed in those
cases where the continuous average output power is higher than 50 to 60 W.
The TDA7293 was designed to work also in a higher efficiency way. For this reason there
are four power supply pins: two intended for the signal part and two for the power part. T1
and T2 are two power transistors that only operate when the output power reaches a certain
threshold (for example, 20 W).
If the output power increases, these transistors are switched on during the portion of the
signal where more output voltage swing is needed, thus "bootstrapping" the power supply
pins (13 and 15). The current generators formed by T4, T7, zener diodes Z1, Z2 and
resistors R7, R8 define the minimum drop across the power MOS transistors of the
TDA7293. L1, L2, L3 and the snubbers C9, R1 and C10, R2 stabilize the loops formed by
the "bootstrap" circuits and the output stage of the TDA7293.
By considering again a maximum average output power (music signal) of 20 W, in case of
the high efficiency application, the thermal resistance value needed from the heatsink is
2.2 °C/W (with VS = ±50 V and RL = 8 Ω). All components (TDA7293 and power transistors
T1 and T2) can be placed on a 1.5 °C/W heatsink, with the power darlingtons electrically
insulated from the heatsink.
Since the total power dissipation is less than that of a usual class AB amplifier, additional
cost savings can be obtained while optimizing the power supply, even with a large heatsink.
4.3
Bridge application
Another application suggestion is the bridge configuration, where two TDA7293 are used.
In this application, the value of the load must not be lower than 8
Ω for dissipation and
current capability reasons.
A suitable field of application includes hi-fi/TV subwoofer realizations. The main advantages
offered by this solution are:
High power performance with limited supply voltage level.
Considerably higher output power even with high load values, such as 16
Ω.
With RL = 8 Ω and VS = ±25 V, the maximum output power obtainable is 150 W, whilst with
RL = 16 Ω and VS = ±40 V, the maximum Pout is 200 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com