Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7293 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7293
Description  120-volt, 100-watt, DMOS audio amplifier with mute and standby
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7293 Datasheet HTML 10Page - STMicroelectronics TDA7293 Datasheet HTML 11Page - STMicroelectronics TDA7293 Datasheet HTML 12Page - STMicroelectronics TDA7293 Datasheet HTML 13Page - STMicroelectronics TDA7293 Datasheet HTML 14Page - STMicroelectronics TDA7293 Datasheet HTML 15Page - STMicroelectronics TDA7293 Datasheet HTML 16Page - STMicroelectronics TDA7293 Datasheet HTML 17Page - STMicroelectronics TDA7293 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Applications information
TDA7293
14/21
Doc ID 6744 Rev 8
Figure 10.
PCB - solder side of the Fig 9
Figure 11.
Modular application circuit
IN-
2
R2
680
Ω
C2
22
µF
C1 470nF
IN+
R1 22K
3
R3 22K
-
+
MUTE
STBY
4
10
9
SGND
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10
µF
C4 10
µF
1
STBY-GND
C5
47
µF
713
14
6
15
8
-Vs
-PWVs
BOOTSTRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
D97AU808D
+Vs
C7 100nF
C6 1000
µF
BUFFER
DRIVER
11
BOOT
LOADER
12
IN-
2
IN+
3
-
+
MUTE
STBY
4
10
9
SGND
MUTE
THERMAL
SHUTDOWN
S/C
PROTECTION
1
STBY-GND
713
14
6
15
8
-Vs
-PWVs
BOOTSTRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
+Vs
C7 100nF
C6 1000
µF
BUFFER
DRIVER
11
BOOT
LOADER
12
5
CLIP DET
5
MASTER
SLAVE
C10
100nF
R7
2
Ω
VMUTE
VSTBY
STBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com