Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7294HS Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7294HS
Description  100 V, 100 W DMOS audio amplifier with mute/st-by
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7294HS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7294HS Datasheet HTML 6Page - STMicroelectronics TDA7294HS Datasheet HTML 7Page - STMicroelectronics TDA7294HS Datasheet HTML 8Page - STMicroelectronics TDA7294HS Datasheet HTML 9Page - STMicroelectronics TDA7294HS Datasheet HTML 10Page - STMicroelectronics TDA7294HS Datasheet HTML 11Page - STMicroelectronics TDA7294HS Datasheet HTML 12Page - STMicroelectronics TDA7294HS Datasheet HTML 13Page - STMicroelectronics TDA7294HS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
8
Typical characteristics
Application circuit of fig 1 unless otherwise specified.
Figure 5. Output power vs. supply voltage (RI = 8 Ω)
Figure 6. Distortion vs. output power (RI = 8 Ω)
Figure 7. Output power vs. supply voltage (RI = 4 Ω)
Figure 8. Distortion vs. output power (RI = 4 Ω)
TDA7294
Typical characteristics
DS0013 - Rev 8
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com