Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7295 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7295
Description  80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7295 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7295 Datasheet HTML 4Page - STMicroelectronics TDA7295 Datasheet HTML 5Page - STMicroelectronics TDA7295 Datasheet HTML 6Page - STMicroelectronics TDA7295 Datasheet HTML 7Page - STMicroelectronics TDA7295 Datasheet HTML 8Page - STMicroelectronics TDA7295 Datasheet HTML 9Page - STMicroelectronics TDA7295 Datasheet HTML 10Page - STMicroelectronics TDA7295 Datasheet HTML 11Page - STMicroelectronics TDA7295 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
INTRODUCTION
In consumer electronics, an increasing demand
has arisen for very high power monolithic audio
amplifiers able to match, with a low cost the per-
formance obtained from the best discrete de-
signs.
The task of realizing this linear integrated circuit
in conventional bipolar technology is made ex-
tremely difficult by the occurence of 2nd break-
down phenomenon. It limits the safe operating
area (SOA) of the power devices, and as a con-
sequence, the maximum attainable output power,
especially in presence of highly reactive loads.
Moreover, full exploitation of the SOA translates
into a substantial increase in circuit and layout
complexity due to the need for sophisticated pro-
tection circuits.
To overcome these substantial drawbacks, the
use of power MOS devices, which are immune
from secondary breakdown is highly desirable.
The device described has therefore been devel-
oped in a mixed bipolar-MOS high voltage tech-
nology called BCD 100.
1) Output Stage
The main design task one is confronted with while
developing an integrated circuit as a power op-
erational amplifier, independently of the technol-
ogy used, is that of realising the output stage.
The solution shown as a principle schematic by
Fig 15 represents the DMOS unity-gain output
buffer of the TDA7295.
This large-signal, high-power buffer must be ca-
pable of handling extremely high current and volt-
age levels while maintaining acceptably low har-
monic distortion and good behaviour over fre-
quency response; moreover, an accurate control
of quiescent current is required.
A local linearizing feedback, provided by differen-
tial amplifier A, is used to fullfil the above require-
ments, allowing a simple and effective quiescent
current setting.
Proper biasing of the power output transistors
alone is however not enough to guarantee the ab-
sence of crossover distortion.
While a linearization of the DC transfer charac-
teristic of the stage is obtained, the dynamic be-
haviour of the system must be taken into account.
A significant aid in keeping the distortion contrib-
uted by the final stage as low as possible is pro-
vided by the compensation scheme, which ex-
ploits the direct connection of the Miller capacitor
at the amplifier’s output to introduce a local AC
feedback path enclosing the output stage itself.
2) Protections
In designing a power IC, particular attention must
be reserved to the circuits devoted to protection
of the device from short circuit or overload condi-
tions.
Due to the absence of the 2nd breakdown phe-
nomenon, the SOA of the power DMOS transis-
tors is delimited only by a maximum dissipation
curve dependent on the duration of the applied
stimulus.
In order to fully exploit the capabilities of the
power transistors, the protection scheme imple-
mented in this device combines a conventional
SOA protection circuit with a novel local tempera-
ture sensing technique which " dynamically" con-
trols the maximum dissipation.
Figure 15: Principle Schematic of a DMOS unity-gain buffer.
TDA7295
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com