Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7492 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7492
Description  50 W 50 W dual BTL class-D amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7492 Datasheet HTML 7Page - STMicroelectronics TDA7492 Datasheet HTML 8Page - STMicroelectronics TDA7492 Datasheet HTML 9Page - STMicroelectronics TDA7492 Datasheet HTML 10Page - STMicroelectronics TDA7492 Datasheet HTML 11Page - STMicroelectronics TDA7492 Datasheet HTML 12Page - STMicroelectronics TDA7492 Datasheet HTML 13Page - STMicroelectronics TDA7492 Datasheet HTML 14Page - STMicroelectronics TDA7492 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DocID014926 Rev 6
11/32
TDA7492
Characterization curves
32
4
Characterization curves
The general test conditions used for producing the characterization curves can be
summarized as follows:
Test board: SZ LAB TDA7492 slug-up demo board
Test frequency: 1 kHz (also 100 Hz for THD vs. output power only)
Output power: 1 W
For 6-
loads
test voltage: 25 V
LC filter: L = 22 μH and C = 220 nF
For 8-
loads
test voltage: 25 V
LC filter: L = 33 μH and C = 220 nF
For 4-
loads
test voltage: 20 V
LC filter: L = 15 μH and C = 470 nF.
Figure 28 on page 22 shows the circuit with which the characterization curves, shown in the
next sections, were measured. Figure 27 on page 21 shows the PCB layout.
4.1
Characterizations for 6-
 loads
Figure 3. Output power vs. supply voltage
Test conditions:
Vcc = 15 - 25 V,
RL = 6
Ω,
Rosc = 39 k
Ω, Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Tamb = 25 C
Specification limit:
Typical:
Vs = 25 V, RL = 6
Ω,
Po = 50 W atTHD = 10%,
Po = 40 W atTHD = 1%
10% THD
1% THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com