Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MU10MMS Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # MU10MMS
Description  10 ft Slim 3.5mm Stereo Audio Cable - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

MU10MMS Datasheet(HTML) 1 Page - StarTech.com Ltd.

  MU10MMS Datasheet HTML 1Page - StarTech.com Ltd. MU10MMS Datasheet HTML 2Page - StarTech.com Ltd. MU10MMS Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10 ft Slim 3.5mm Stereo Audio Cable - M/M
Product ID: MU10MMS
This 10-foot 3.5mm Slim Stereo Audio Cable is the perfect solution for portable audio devices (iPod, iPhone,iPad,
MP3 Players), featuring a slim connector molding that fits easily into a 3.5mm headphone jack, even if the
iPod/iPhone/MP3 player is in a protective case.
Like all StarTech.com cables, this 10-foot 3.5mm Slim Stereo Audio Cable is backed by our Lifetime Warranty,
providing guaranteed quality and reliability.
Certifications, Reports and Compatibility
Applications
• Connect your iPod or MP3 player to your car stereo 3.5mm Audio In jack
• Connect your MP3 player to your Hi-Fi system
• Connects sound card to external CD-ROM
Features
• Slimline connector molding designed for use with portable devices
• Molded connectors with strain relief


Similar Part No. - MU10MMS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MU10 CENTRAL-MU10 Datasheet
177Kb / 4P
MU4893
logo
CSB Battery Co., Ltd.
MU1000 CSB-BATTERY-MU1000 Datasheet
568Kb / 2P
a long service life battery up to 20years expected life under normal float charge
logo
ZIEHL industrie-elektro...
MU1000K ZIEHL-MU1000K Datasheet
320Kb / 1P
Universal-Measuring-Transducer MU1000K Temperature Pt 100 (RTD), DC Current and Voltage, Isolating Amplifier
logo
CSB Battery Co., Ltd.
MU1000S CSB-BATTERY-MU1000S_16 Datasheet
1Mb / 2P
Cells Per Unit 1 Voltage Per Unit 2
MU1000S CSB-BATTERY-MU1000S_17 Datasheet
382Kb / 1P
Valve Regulated Lead Acid Battery
More results

Similar Description - MU10MMS

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312006 TRIPPLITE-P312006 Datasheet
469Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 6-ft
P312006RA TRIPPLITE-P312006RA Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M-M), 6-ft
P312010 TRIPPLITE-P312010 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 10-ft
P312015 TRIPPLITE-P312015 Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 15-ft
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-003 TRIPPLITE-P312-003 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 3-ft.
P312-003-RA TRIPPLITE-P312-003-RA Datasheet
158Kb / 2P
3.5mm Mini Stereo Audio Cable with one Right Angle plug (M/M), 3-ft.
P312-010 TRIPPLITE-P312-010 Datasheet
153Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 10-ft.
P312-012 TRIPPLITE-P312-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 12-ft.
logo
IOGEAR
G2LMM006 IOGEAR-G2LMM006 Datasheet
138Kb / 2P
6ft 3.5mm (M) to 3.5mm (M) Aux Stereo Audio Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com